Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP5027-R Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SBP5027-R
Description  High Voltage Fast-SwitchingNPN Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SBP5027-R Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SBP5027-R Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP5027-R Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP5027-R Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP5027-R Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP5027-R Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBP5027
SBP5027
SBP5027
SBP5027----R
R
R
R
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
High
High
High
High Voltage
Voltage
Voltage
Voltage Fast-Switching
Fast-Switching
Fast-Switching
Fast-Switching NPN
NPN
NPN
NPN Power
Power
Power
Power Transistor
Transistor
Transistor
Transistor
Features
Features
Features
Features
◆ Very High Switching Speed
◆ High Voltage Capability
◆ Wide Reverse Bias SOA
General
General
General
General Description
Description
Description
Description
This Device is designed for high voltage, High speed
switching characteristics required such as lighting system,
switching mode power supply.
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
S
S
S
Sy
y
y
ymbol
mbol
mbol
mbol
Par
Par
Par
Para
a
a
amet
met
met
mete
e
e
errrr
T
T
T
Tes
es
es
estttt Condi
Condi
Condi
Condittttiiiio
o
o
ons
ns
ns
ns
V
V
V
Va
a
a
alue
lue
lue
lue
Units
Units
Units
Units
VCES
Collector-Emitter Voltage
VBE = 0
1100
V
VCEO
Collector-Emitter Voltage
IB = 0
800
V
VEBO
Emitter-Base Voltage
IC = 0
7.0
V
IC
Collector Current
3.0
A
ICP
Collector pulse Current
10
A
IB
Base Current
1.5
A
IBM
Base Peak Current
tP = 5ms
3.0
A
PC
Total Dissipation at Tc = 25℃
50
W
Total Dissipation at Ta = 25℃
2.08
TJ
Operation Junction Temperature
- 40 ~ 150
℃
TSTG
Storage Temperature
- 40 ~ 150
℃
Tc: Case temperature (good cooling)
Ta: Ambient temperature (without heat sink)
Thermal
Thermal
Thermal
Thermal Chara
Chara
Chara
Charac
c
c
cteri
teri
teri
teris
s
s
stics
tics
tics
tics
S
S
S
Sy
y
y
ymbol
mbol
mbol
mbol
Par
Par
Par
Para
a
a
amet
met
met
mete
e
e
errrr
V
V
V
Value
alue
alue
alue
Units
Units
Units
Units
RθJc
Thermal Resistance Junction to Case
1.67
℃/W
RθJA
Thermal Resistance Junction to Ambient
62.5
℃/W
Jan 2009. Rev. 0


Similar Part No. - SBP5027-R

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SBP5305D-O SEMIWELL-SBP5305D-O Datasheet
127Kb / 4P
High Voltage Fast Switching NPN Power Transistor
SBP5307D-O SEMIWELL-SBP5307D-O Datasheet
126Kb / 4P
High Voltage Fast Switching NPN Power Transistor
More results

Similar Description - SBP5027-R

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BUL128 TGS-BUL128 Datasheet
65Kb / 1P
HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
BUL128D TGS-BUL128D Datasheet
65Kb / 1P
HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
logo
Shenzhen Winsemi Microe...
SBN13002 WINSEMI-SBN13002 Datasheet
372Kb / 5P
High Voltage Fast-SwitchingNPN Power Transistor
SBP13003-O WINSEMI-SBP13003-O Datasheet
376Kb / 5P
High Voltage Fast-SwitchingNPN Power Transistor
SBP13005D WINSEMI-SBP13005D Datasheet
325Kb / 4P
High Voltage Fast-SwitchingNPN Power Transistor
SBP13005D1 WINSEMI-SBP13005D1 Datasheet
325Kb / 4P
High Voltage Fast-SwitchingNPN Power Transistor
SBP13005-O WINSEMI-SBP13005-O Datasheet
520Kb / 6P
High Voltage Fast-SwitchingNPN Power Transistor
SBP13007D WINSEMI-SBP13007D Datasheet
326Kb / 4P
High Voltage Fast-SwitchingNPN Power Transistor
SBR13003B1 WINSEMI-SBR13003B1 Datasheet
341Kb / 5P
High Voltage Fast-SwitchingNPN Power Transistor
WBP13005D1 WINSEMI-WBP13005D1 Datasheet
420Kb / 4P
High Voltage Fast-SwitchingNPN Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com