Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCD08C Datasheet(PDF) 2 Page - Protek Devices

Part # LCD08C
Description  HIGH POWERED MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LCD08C Datasheet(HTML) 2 Page - Protek Devices

  LCD08C Datasheet HTML 1Page - Protek Devices LCD08C Datasheet HTML 2Page - Protek Devices LCD08C Datasheet HTML 3Page - Protek Devices LCD08C Datasheet HTML 4Page - Protek Devices LCD08C Datasheet HTML 5Page - Protek Devices LCD08C Datasheet HTML 6Page - Protek Devices LCD08C Datasheet HTML 7Page - Protek Devices LCD08C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05018.R8 11/10
Page 2
LCD05C - LCD24C
tyPiCaL DeviCe CHaRaCteRistiCs
maXimum Ratings @ 25°C unless otherwise specified
PaRameteR
symBoL
vaLue
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eLeCtRiCaL CHaRaCteRistiCs PeR Line @ 25°C unless otherwise specified
PaRt
numBeR
(note 1)
RateD
stanD-oFF
voLtage
v
wm
voLts
minimum
BReakDown
voLtage
@1ma
v
(BR)
voLts
maXimum
CLamPing
voLtage
(Fig. 2)
@ iP = 1a
v
C
voLts
maXimum
CLamPing
voLtage
(Fig. 2)
@ 8/20µs
v
C @ iPP
maXimum
Leakage
CuRRent
@v
wm
i
D
µa
maXimum
CaPaCitanCe
@0v, 1mHz
C
pF
temPeRatuRe
CoeFFiCient
oF v
(BR)
q v
(BR)
mv/°C
LCD05C
5.0
6.0
9.8
24.0V @ 45.0A
100
15
3
LCD08C
8.0
8.5
12.3
25.5V @ 40.0A
10
15
9
LCD12C
12.0
13.3
19.0
32.0V @ 34.0A
4
15
16
LCD15C
15.0
16.7
25.5
38.0V @ 27.0A
4
15
17
LCD24C
24.0
26.7
40.0
48.0V @ 22.0A
4
15
26
notes
1. Tested on pin pairs 1 and 16, 2 and 15, 3 and 14, 4 and 13, 5 and 12, 6 and 11, 7 and 10, 8 and 9.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com