Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ102 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BUZ102
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ102 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BUZ102 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ102 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
07/96
BUZ 102
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID, Tj = -40 °C
V(BR)DSS
50
-
-
V
Gate threshold voltage
VGS=VDS, ID = 1 mA
VGS(th)
2.1
3
4
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
10
1
0.1
100
100
1
µA
nA
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 10 V, ID = 42 A
RDS(on)
-
0.017
0.023
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com