Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD-25 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLD-25
Description  25W Single Output LED Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLD-25 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLD-25 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLD-25 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLD-25 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:PLD-25-SPEC2012-03-20
CaseNo.PCD16A
Unit:mm
StaticCharacteristics
INPUTVOLTAGE(V)50/60Hz
100
90
80
70
60
50
40
DeratingCurve
AMBIENTTEMPERATURE(
)
-30
-25
-5
0
15
30
40
50
60
20
40
60
80
100
(HORIZONTAL)
50
fosc:90KHz(115VAC)
120KHz(230VAC)
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
&
O.C.P.
POWER
SWITCHING
BlockDiagram
90
100
125
135
145
155 165
175
180
200
230
295
2-
3.6
2-
8.9
84
UL143018AWG
V+(RED)
V-(BLACK)
3
3
75 5
150 10
7.3
7.3
H03VVH2-F18AWG
AC/N(BLUE)
AC/L(BROWN)
35
T case
T case:Max.Case Temperature.
25WSingleOutputLEDPowerSupply
P L D - 2 5 series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com