Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM10ST2315C Datasheet(PDF) 2 Page - Protek Devices

Part # PAM10ST2315C
Description  500 WATT TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM10ST2315C Datasheet(HTML) 2 Page - Protek Devices

  PAM10ST2315C Datasheet HTML 1Page - Protek Devices PAM10ST2315C Datasheet HTML 2Page - Protek Devices PAM10ST2315C Datasheet HTML 3Page - Protek Devices PAM10ST2315C Datasheet HTML 4Page - Protek Devices PAM10ST2315C Datasheet HTML 5Page - Protek Devices PAM10ST2315C Datasheet HTML 6Page - Protek Devices PAM10ST2315C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05354.R0 12/11
Page 2
PAM10ST2315C & PAM10ST2324C
TYPiCAl DeViCe ChARACTeRiSTiCS
MAXiMuM RATinGS @ 25°C unless otherwise Specified
PARAMeTeR
SYMBol
VAlue
uniTS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eleCTRiCAl ChARACTeRiSTiCS PeR line @ 25°C unless otherwise Specified
PART
nuMBeR
DeViCe
MARkinG
RATeD
STAnD-oFF
VolTAGe
V
WM
VolTS
MiniMuM
BReAkDoWn
VolTAGe
@ 1mA
V
(BR)
VolTS
MAXiMuM
ClAMPinG
VolTAGe
(Fig. 2)
@ i
P = 1A
V
C
VolTS
MAXiMuM
ClAMPinG
VolTAGe
(Fig. 2)
@ 8/20µs
V
C @ iPP
MAXiMuM
leAkAGe
CuRRenT
@V
WM
i
D
µA
TYPiCAl
CAPACiTAnCe
@0V, 1Mhz
C
pF
PAM10ST2315C
15C
15.0
16.7
24.0
30.0V @ 17.0A
1
60
PAM10ST2324C
24C
24.0
26.7
43.0
49.0V @ 12.0A
1
63



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com