Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM11SO803 Datasheet(PDF) 2 Page - Protek Devices

Part # PAM11SO803
Description  HIGH POWER LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM11SO803 Datasheet(HTML) 2 Page - Protek Devices

  PAM11SO803 Datasheet HTML 1Page - Protek Devices PAM11SO803 Datasheet HTML 2Page - Protek Devices PAM11SO803 Datasheet HTML 3Page - Protek Devices PAM11SO803 Datasheet HTML 4Page - Protek Devices PAM11SO803 Datasheet HTML 5Page - Protek Devices PAM11SO803 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05355.R0 12/11
Page 2
PAM11SO803
TYPICAL DEVICE CHARACTERISTICS
MAXIMuM RATINGS @ 25°C unless Otherwise Specified
PARAMETER
SYMBOL
VALuE
uNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
1800
Watts
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C unless Otherwise Specified
PART
NuMBER
DEVICE
MARkING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMuM
SNAPBACk
VOLTAGE
@50mA
V
(BR)
VOLTS
MAXIMuM
CLAMPING
VOLTAGE
(Fig. 2)
(Note 1-2)
@ 8/20µs
V
C @ IPP
MAXIMuM
CLAMPING
VOLTAGE
(Line-Gnd)
@ 8/20µs
@I
P = 50A
V
C
VOLTS
MAXIMuM
LEAkAGE
CuRRENT
@V
WM
I
D
µA
MAXIMuM
CAPACITANCE
(Note 3)
@0V, 1MHz
C
pF
MAXIMuM
CAPACITANCE
(Note 4)
@0V, 1MHz
C
pF
PAM11SO803
PBC
3.0
2.8
18.0V@100.0A
11
2.0
25
12
NOTES
1. For an 8/20µs waveform, apply positive pulse to pin 1 or 8 to pin 2 or 3 (ground).
2. Measured between pin 1 or 8 to pin 2 or 3.
3. Measured between I/O pins and ground (pin 1 to 2).
4. Measured between I/O pins (pin 1 to 4).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com