Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC01-6 Datasheet(PDF) 2 Page - Protek Devices

Part # PLC01-6
Description  HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC01-6 Datasheet(HTML) 2 Page - Protek Devices

  PLC01-6 Datasheet HTML 1Page - Protek Devices PLC01-6 Datasheet HTML 2Page - Protek Devices PLC01-6 Datasheet HTML 3Page - Protek Devices PLC01-6 Datasheet HTML 4Page - Protek Devices PLC01-6 Datasheet HTML 5Page - Protek Devices PLC01-6 Datasheet HTML 6Page - Protek Devices PLC01-6 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05071.R8 1/11
Page 2
PLC01-6
TYPiCaL deViCe ChaRaCTeRiSTiCS
MaXiMUM RaTiNgS @ 25°C Unless otherwise Specified
PaRaMeTeR
SYMBoL
VaLUe
UNiTS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
1,500
Watts
eLeCTRiCaL ChaRaCTeRiSTiCS PeR LiNe @ 25°C Unless otherwise Specified
PaRT
NUMBeR
(Note 1)
RaTed
STaNd-oFF
VoLTage
V
wM
VoLTS
MiNiMUM
BReakdowN
VoLTage
@1ma
V
(BR)
VoLTS
MaXiMUM
CLaMPiNg
VoLTage
(Note 2)
@i
P = 100a
V
C
VoLTS
MaXiMUM
CLaMPiNg
VoLTage
(Note 3)
@i
P = 200a
V
C
VoLTS
MaXiMUM
Leakage
CURReNT
@V
wM
i
d
µa
TYPiCaL
CaPaCiTaNCe
@0V, 1Mhz
C
pF
PLC01-6
6.0
8.0
15.0
16.0
25
50
NoTeS
1. Electrical characteristics apply from pins 13-16 to 1-4 and 5-8 to 9-12 - see pin configuration.
2. V
C tested at 10/1000µs impluse waveform.
3. 10/160µs impulse waveform per FCC Part 68.
FigURe 1
Peak PULSe PoweR VS PULSe TiMe
t
d - Pulse duration - µs
1500W, 10/1000µs
Waveform
0.1
1
10
100
1,000
10,000
100,000
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com