Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC496 Datasheet(PDF) 2 Page - Protek Devices

Part # PLC496
Description  500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC496 Datasheet(HTML) 2 Page - Protek Devices

  PLC496 Datasheet HTML 1Page - Protek Devices PLC496 Datasheet HTML 2Page - Protek Devices PLC496 Datasheet HTML 3Page - Protek Devices PLC496 Datasheet HTML 4Page - Protek Devices PLC496 Datasheet HTML 5Page - Protek Devices PLC496 Datasheet HTML 6Page - Protek Devices PLC496 Datasheet HTML 7Page - Protek Devices PLC496 Datasheet HTML 8Page - Protek Devices PLC496 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05109.R8 10/10
Page 2
PLC496
TyPiCAL DeviCe ChARACTeRisTiCs
MAXiMuM RATinGs @ 25°C unless otherwise specified
PARAMeTeR
syMBoL
vALue
uniTs
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
eLeCTRiCAL ChARACTeRisTiCs PeR Line @ 25°C unless otherwise specified
PART
nuMBeR
DeviCe
MARkinG
RATeD
sTAnD-oFF
voLTAGe
v
WM
voLTs
MiniMuM
BReAkDoWn
voLTAGe
(note 1)
@1mA
v
(BR)
voLTs
MAXiMuM
ReveRse
LeAkAGe
CuRRenT
(note 1)
@v
WM
i
D
µA
MAXiMuM
CLAMPinG
voLTAGe
(note 1)
(Fig. 2)
@ 8/20µs
v
C @ iPP
WoRkinG
inveRse
BLoCkinG
voLTAGe
(note 2)
@ v
WB
voLTs
inveRse
BLoCkinG
LeAkAGe
CuRRenT
(note 2)
@ v
WB
i
R
µA
MAXiMuM
CAPACiTAnCe
(note 3)
@0v, 1Mhz
C
pF
PLC496
VEC
1.0
2.5
20
12.5V @ 30A
75
1.0
1.25
noTe
1. Apply positive voltage from pin 4 to 1 and pin 8 to 5.
2. Apply positive voltage from pin 1 to 4 and 5 to 8.
3. Capacitance from pin 1 to 4 < 1.25pF. Capacitance from pin 8 to 5 < 1.25pF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com