Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0504F Datasheet(PDF) 2 Page - Protek Devices

Part # PLR0504F
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0504F Datasheet(HTML) 2 Page - Protek Devices

  PLR0504F Datasheet HTML 1Page - Protek Devices PLR0504F Datasheet HTML 2Page - Protek Devices PLR0504F Datasheet HTML 3Page - Protek Devices PLR0504F Datasheet HTML 4Page - Protek Devices PLR0504F Datasheet HTML 5Page - Protek Devices PLR0504F Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05240.R2 3/11
Page 2
PLR0504F
tyPicaL device chaRacteRistics
maXimum Ratings @ 25°c unless otherwise specified
PaRameteR
symBoL
vaLue
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Surge Rating (1/120 seconds @ 25°C, I
F = 10mA)
V
F
1.5
Volts
FiguRe 1
Peak PuLse PoweR vs PuLse time
t
d - Pulse duration - µs
200W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
eLectRicaL chaRacteRistics PeR Line @ 25°c unless otherwise specified
PaRt
numBeR
device
maRking
Rated
stand-oFF
voLtage
(note 1)
v
wm
voLts
minimum
BReakdown
voLtage
(note 1)
@ 1ma
v
(BR)
voLts
maXimum
cLamPing
voLtage
(Fig. 2)
(note 1)
@ i
P = 1a
v
c
voLts
maXimum
cLamPing
voLtage
(Fig. 2)
(note 1)
@ i
P = 5a
v
c
voLts
maXimum
Leakage
cuRRent
(note 1)
@v
wm
i
d
µa
maXimum
caPacitance
(note 1)
@0v,
1mhz
c
j(sd)
pF
PLR0504F
A5
5.0
6.0
15.0
25.0
3
1.9
notes
1. From I/O pin to ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com