Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLW2.8 Datasheet(PDF) 2 Page - Protek Devices

Part # PLW2.8
Description  LOW CAPACITANCE TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW2.8 Datasheet(HTML) 2 Page - Protek Devices

  PLW2.8 Datasheet HTML 1Page - Protek Devices PLW2.8 Datasheet HTML 2Page - Protek Devices PLW2.8 Datasheet HTML 3Page - Protek Devices PLW2.8 Datasheet HTML 4Page - Protek Devices PLW2.8 Datasheet HTML 5Page - Protek Devices PLW2.8 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05184.R6 9/10
Page 2
PLW2.8
TyPICAL DEVICE ChARACTERISTICS
MAXIMuM RATINgS @ 25°C unless Otherwise Specified
PARAMETER
SyMBOL
VALuE
uNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
50
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
5
Amps
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C unless Otherwise Specified
PART
NuMBER
DEVICE
MARkINg
RATED
STAND-OFF
VOLTAgE
V
WM
VOLTS
MINIMuM
BREAkDOWN
VOLTAgE
@ 1mA
V
(BR)
VOLTS
MINIMuM
SNAP BACk
VOLTAgE
@ I
SB = 50mA
V
SB
VOLTS
MAXIMuM
CLAMPINg
VOLTAgE
(Fig. 2)
@ IP = 1A
V
C
VOLTS
MAXIMuM
LEAkAgE
CuRRENT
@V
WM
I
D
µA
TyPICAL
CAPACITANCE
@0V, 1Mhz
C
pF
PLW2.8
P
2.8
3.0
2.8
5.0
1
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com