Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLW0501P Datasheet(PDF) 2 Page - Protek Devices

Part # PLW0501P
Description  MINIATURE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW0501P Datasheet(HTML) 2 Page - Protek Devices

  PLW0501P Datasheet HTML 1Page - Protek Devices PLW0501P Datasheet HTML 2Page - Protek Devices PLW0501P Datasheet HTML 3Page - Protek Devices PLW0501P Datasheet HTML 4Page - Protek Devices PLW0501P Datasheet HTML 5Page - Protek Devices PLW0501P Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05311.R1 3/11
Page 2
PLW0501P
tYPicaL DeVice chaRacteRiSticS
maXimum RatinGS @ 25°c unless otherwise Specified
PaRameteR
SYmBoL
VaLue
unitS
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
250
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
16
A
Soldering Temperature for 10 seconds
T
L
265
°C
eLectRicaL chaRacteRiSticS PeR Line @ 25°c unless otherwise Specified
PaRt
numBeR
DeVice
maRkinG
RateD
StanD-oFF
VoLtaGe
V
Wm
VoLtS
minimum
BReakDoWn
VoLtaGe
@ 1ma
V
(BR)
VoLtS
tYPicaL
FoRWaRD
VoLtaGe
@10ma
V
F
VoLtS
maXimum
cLamPinG
VoLtaGe
(Fig. 2)
@i
P = 5a
V
c
VoLtS
maXimum
cLamPinG
VoLtaGe
(Fig. 2)
@i
P = 16a
V
c
VoLtS
maXimum
LeakaGe
cuRRent
@V
Wm
i
D
µa
tYPicaL
caPacitance
@0V, 1mhz
c
pF
PLW0501P
K
5.0
6.0
0.8
9.8
12.5
5
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com