Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLW1201H Datasheet(PDF) 2 Page - Protek Devices

Part # PLW1201H
Description  200 WATT TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW1201H Datasheet(HTML) 2 Page - Protek Devices

  PLW1201H Datasheet HTML 1Page - Protek Devices PLW1201H Datasheet HTML 2Page - Protek Devices PLW1201H Datasheet HTML 3Page - Protek Devices PLW1201H Datasheet HTML 4Page - Protek Devices PLW1201H Datasheet HTML 5Page - Protek Devices PLW1201H Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05275.R1 9/10
Page 2
PLW1201H
tyPiCaL DEViCE CHaRaCtERiStiCS
MaXiMuM RatiNgS @ 25°C unless Otherwise Specified
PaRaMEtER
SyMBOL
VaLuE
uNitS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
10
Amps
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Soldering Temperature for 10 seconds
T
L
265
°C
ELECtRiCaL CHaRaCtERiStiCS PER LiNE @ 25°C unless Otherwise Specified
PaRt
NuMBER
DEViCE
MaRkiNg
RatED
StaND-OFF
VOLtagE
V
WM
VOLtS
MiNiMuM
BREakDOWN
VOLtagE
@ 1ma
V
(BR)
VOLtS
tyPiCaL
FORWaRD
VOLtagE
@ 10ma
V
F
VOLtS
MaXiMuM
CLaMPiNg
VOLtagE
(Fig. 2)
@ i
P = 1a
V
C
VOLtS
MaXiMuM
CLaMPiNg
VOLtagE
(Fig. 2)
@ i
P = 5a
V
C
VOLtS
MaXiMuM
LEakagE
CuRRENt
@V
WM
i
D
µa
tyPiCaL
CaPaCitaNCE
@0V, 1MHz
C
pF
PLW1201H
12
12.0
13.3
0.8
19.0
24.0
1
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com