Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM712 Datasheet(PDF) 4 Page - Protek Devices

Part # PSM712
Description  600 WATT TVS ARRAY-ASYMMETRICAL DATA LINE PROTECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSM712 Datasheet(HTML) 4 Page - Protek Devices

  PSM712 Datasheet HTML 1Page - Protek Devices PSM712 Datasheet HTML 2Page - Protek Devices PSM712 Datasheet HTML 3Page - Protek Devices PSM712 Datasheet HTML 4Page - Protek Devices PSM712 Datasheet HTML 5Page - Protek Devices PSM712 Datasheet HTML 6Page - Protek Devices PSM712 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05094.R7 12/11
Page 4
PSM712
SPICE MODEL
FIGuRE 1
SPICE MODEL
TABLE 1 - SPICE PARAMETERS
PARAMETER
uNIT
ABD(TVS)
BV
V
See Table 2
IBV
µA
See Table 2
C
jo
pF
See Table 2
I
S
A
See Table 2
Vj
V
0.6
M
-
0.33
N
-
1
R
S
Ohms
See Table 2
TT
s
1E-8
EG
eV
1.11
TABLE 2 - ABD SPECIFIC SPICE PARAMETERS
PART NuMBER
B
V(VOLTS)
IBV(µA)
C
jo(pF)
I
S (AMPS)
R
s(OhMS)
PSM712 - 7V
7.5
20
146
1E-11
0.28
PSM712 - 12V
13.3
1
123
1E-13
0.40
ABD - Avalanche Breakdown Diode (TVS)
Lg - Lead Inductance
ABD
Lg
0.6nH
ABD
ABD
12
ABD
12
7
7
1
2
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com