Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD24 Datasheet(PDF) 2 Page - Protek Devices

Part # PSD24
Description  HIGH POWERED TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD24 Datasheet(HTML) 2 Page - Protek Devices

  PSD24 Datasheet HTML 1Page - Protek Devices PSD24 Datasheet HTML 2Page - Protek Devices PSD24 Datasheet HTML 3Page - Protek Devices PSD24 Datasheet HTML 4Page - Protek Devices PSD24 Datasheet HTML 5Page - Protek Devices PSD24 Datasheet HTML 6Page - Protek Devices PSD24 Datasheet HTML 7Page - Protek Devices PSD24 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05118.R13 11/10
Page 2
PSD03 - PSD36C
TYPiCAl DeViCe ChARACTeRiSTiCS
MAXiMuM RATingS @ 25°C unless otherwise Specified
PARAMeTeR
SYMBol
VAlue
uniTS
Unidirectional: Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Bidirectional: Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
400
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eleCTRiCAl ChARACTeRiSTiCS PeR line @ 25°C unless otherwise Specified
PART
nuMBeR
(note 1 )
DeViCe
MARking
RATeD
STAnD-oFF
VolTAge
V
wM
VolTS
MiniMuM
BReAkDown
VolTAge
@ 1mA
V
(BR)
VolTS
MAXiMuM
ClAMPing
VolTAge
(Fig. 2)
@ iP = 1A
V
C
VolTS
MAXiMuM
leAkAge
CuRRenT
@V
wM
i
D
µA
TYPiCAl
CAPACiTAnCe
@0V, 1Mhz
C
pF
PSD03
A
3.3
4.0
6.5
125
500
PSD03C
G
3.3
4.0
7.0
125
200
PSD05
B
5.0
6.0
9.8
10
350
PSD05C
H
5.0
6.0
9.8
10
175
PSD08
C
8.0
8.5
13.4
10
250
PSD08C
J
8.0
8.5
13.4
10
150
PSD12
D
12.0
13.3
19.0
1
150
PSD12C
K
12.0
13.3
19.0
1
50
PSD15
E
15.0
16.7
24.0
1
100
PSD15C
L
15.0
16.7
24.0
1
40
PSD18
18
18.0
20.0
29.0
1
90
PSD18C
N
18.0
20.0
29.0
1
40
PSD24
F
24.0
26.7
43.0
1
88
PSD24C
M
24.0
26.7
43.0
1
40
PSD36
R
36.0
40.0
60.0
1
75
PSD36C
T
36.0
40.0
60.0
1
35
noTeS
1. Part numbers with an additional “C” suffix are bidirectional devices, i.e., PSD05C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com