Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVDA2.8LC Datasheet(PDF) 1 Page - Protek Devices

Part # SLVDA2.8LC
Description  600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVDA2.8LC Datasheet(HTML) 1 Page - Protek Devices

  SLVDA2.8LC Datasheet HTML 1Page - Protek Devices SLVDA2.8LC Datasheet HTML 2Page - Protek Devices SLVDA2.8LC Datasheet HTML 3Page - Protek Devices SLVDA2.8LC Datasheet HTML 4Page - Protek Devices SLVDA2.8LC Datasheet HTML 5Page - Protek Devices SLVDA2.8LC Datasheet HTML 6Page - Protek Devices SLVDA2.8LC Datasheet HTML 7Page - Protek Devices SLVDA2.8LC Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05143.R9 10/10
Page 1
SLVDA2.8LC
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The SLVDA2.8LC is an ultra low capacitance TVS array that provides four line pairs of protection. This device protects
high-frequency applications such as voice, video and data related systems and is designed to minimize the effects
of high overshoot voltage experienced during and ESD event. This device has an in-line design, which reduces lead
inductance thus providing low ere overshoot voltage.
The SLVDA2.8LC meets IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements. Packaged in an SO-8 configura-
tion, this device is rated for 600 Watts Peak Pulse Power, for an 8/20µs waveform.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 600 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Protects up to Four Line Pairs
• Low Leakage Current < 1.0µA
• Ultra Low Capacitance: 5pF Typical
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• Ethernet - 10/100/1000 Base T
• SMART Phones
• Audio/Video Inputs
• Portable Electronics
• Switching Stations
PIN CONFIGURATION
SO-8 PACkAGE
1
2
4
8
3
5
6
7


Similar Part No. - SLVDA2.8LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVDA2.8LC PROTEC-SLVDA2.8LC Datasheet
90Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_12 Datasheet
709Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SLVDA2.8LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PAM12SO824 PROTEC-PAM12SO824 Datasheet
700Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_11 Datasheet
696Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_11 Datasheet
695Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_12 Datasheet
709Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_12 Datasheet
697Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_12 Datasheet
699Kb / 8P
600 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com