Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8 Datasheet(PDF) 2 Page - Protek Devices

Part # SLVU2.8
Description  600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVU2.8 Datasheet(HTML) 2 Page - Protek Devices

  SLVU2.8 Datasheet HTML 1Page - Protek Devices SLVU2.8 Datasheet HTML 2Page - Protek Devices SLVU2.8 Datasheet HTML 3Page - Protek Devices SLVU2.8 Datasheet HTML 4Page - Protek Devices SLVU2.8 Datasheet HTML 5Page - Protek Devices SLVU2.8 Datasheet HTML 6Page - Protek Devices SLVU2.8 Datasheet HTML 7Page - Protek Devices SLVU2.8 Datasheet HTML 8Page - Protek Devices SLVU2.8 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05135.R10 9/10
Page 2
SLVU2.8
TYPICAL DEVICE ChARACTERISTICS
mAXImUm RATINGS @ 25°C Unless Otherwise Specified
PARAmETER
SYmBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
600
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
30
Amps
Repetitive Peak Forward Current @ tp = 5µs, F=50kHz, Pin 2 to 3
I
FRM
700
mA
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUmBER
(Note 1)
DEVICE
mARkING
RATED
STAND-OFF
VOLTAGE
V
Wm
VOLTS
mINImUm
BREAkDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
mINImUm
SNAP BACk
VOLTAGE
@ I
SB = 50mA
V
SB
VOLTS
mAXImUm
CLAmPING
VOLTAGE
(Fig. 2)
@ I
P = 2A
V
C
VOLTS
mAXImUm
CLAmPING
VOLTAGE
(Fig. 2)
@ I
P = 5A
V
C
VOLTS
mAXImUm
CLAmPING
VOLTAGE
(Fig. 2)
@ I
P = 30A
V
C
VOLTS
SLVU2.8
SLA
2.8
3.0
2.8
3.9
7.0
21.0
NOTES
1. Device measured from pin 3 to 1.
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
mAXImUm
CLAmPING
VOLTAGE
Pin 2 to 1
(Fig. 2)
@ I
P = 5A
V
C
VOLTS
TYPICAL
CLAmPING
VOLTAGE
Pin 2 to 1
(Fig. 2)
@ I
P = 30A
V
C
VOLTS
mAXImUm
LEAkAGE
CURRENT
Pin 3 to 1 or
Pin 2 to 1
@V
Wm
I
D
µA
TYPICAL
CAPACITANCE
Pin 3 to 1 & 2
(Tied Together)
@0V, 1mhz
C
pF
TYPICAL
CAPACITANCE
Pin 2 to 1
3 N.C.
@0V, 1mhz
C
pF
mAXImUm
PEAk REVERSE
VOLTAGE
Pin 3 to 2
(Note 1)
@I
T = 10µA
V
RRm
VOLTS
mAXImUm
REVERSE
LEAkAGE
VOLTAGE
Pin 3 to 2
(Note 1)
@V
Wm = 2.8V
I
DR
µA
mAXImUm
FORWARD
VOLTAGE
Pin 2 to 3
(Note 1)
@I
F = 1A
T
P = 120µs
V
F
VOLTS
8.5
21.0
1.0
20
2.5
40
0.1
2
NOTES
1. Electrical characteristics for steering diodes.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com