Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET-35C Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NET-35C
Description  35W Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NET-35C Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NET-35C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NET-35C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
NET-35A
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
3A
0.5~4A
29.5W
80mVp-p
CH1:4.75~5.5V
2.0%
0.5%
1.5%
500ms,30ms/230VAC1200ms,30ms/115VAC atfullload
50ms/230VAC10ms/115VAC atfullload
85~264VAC120~370VDC
47~63Hz
CH1:5.75~6.75V
78%
0.75A/115VAC0.5A/230VAC
COLDSTART 45A
<2mA /240VAC
110~150%ratedoutputpower
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-1,lightindustrylevel,criteria A
-20~+60
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
386.2Khrsmin.MIL-HDBK-217F(25
)
FileName:NET-35-SPEC2011-08-17
99*97*36mm(L*W*H)
0.36Kg;45pcs/17.2Kg/0.93CUFT
35W TripleOutputSwitchingPowerSupply
N E T- 3 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note7)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Universal AC input / Full range
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
100% full load burn-in test
2 years warranty
Features :
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
NET-35B
NET-35C
NET-35D
12V
CH2
CH2
CH2
CH2
-5V
CH3
CH3
CH3
CH3
12V
-12V
15V
-15V
12V
24V
5V
5V
5V
1A
0.5A
1A
0.5A
1A
0.5A
1A
0.5A
3A
2.5A
2.5A
0.1~1.5A 0.1~0.5A
0.1~1.5A 0.1~0.5A
0.1~1.5A 0.1~0.5A
0.1~1A
0.1~1A
0.5~4A
0.5~3.5A
0.5~3.5A
33W
35W
36.5W
120mVp-p 120mVp-p
120mVp-p 120mVp-p
150mVp-p 150mVp-p
120mVp-p
200mVp-p
80mVp-p
80mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
6.0%
6.0%
6.0%
6.0%
8.0%
8.0%
8.0%
8.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
0.5%
1.5%
0.5%
1.5%
0.5%
1.5%
79%
79%
79%
LINEREGULATION
Note.4
LOADREGULATION
Note.5
CH1
CH1
CH1
CH1
OUTPUTNUMBER
UL60950-1,CB(IEC60950-1)approved
EMCIMMUNITY
EMCEMISSION


Similar Part No. - NET-35C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NET-35C MEANWELL-NET-35C Datasheet
403Kb / 2P
35W Triple Output Switching Power Supply
NET-35C MEANWELL-NET-35C Datasheet
406Kb / 2P
35W Triple Output Switching Power Supply
logo
Total Power Internation...
NET-35C TOTAL-POWER-NET-35C Datasheet
415Kb / 2P
35W Triple Output Switching Power Supply
More results

Similar Description - NET-35C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-35 MEANWELL-NET-35 Datasheet
403Kb / 2P
35W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
35W Dual Output Switching Power Supply
NET-35 MEANWELL-NET-35_10 Datasheet
406Kb / 2P
35W Triple Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
35W Single Output Switching Power Supply
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
35W Single Output Switching Power Supply
logo
Total Power Internation...
NET-35 TOTAL-POWER-NET-35 Datasheet
415Kb / 2P
35W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com