Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF05C Datasheet(PDF) 2 Page - Protek Devices

Part # SMF05C
Description  MULTI-LINE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMF05C Datasheet(HTML) 2 Page - Protek Devices

  SMF05C Datasheet HTML 1Page - Protek Devices SMF05C Datasheet HTML 2Page - Protek Devices SMF05C Datasheet HTML 3Page - Protek Devices SMF05C Datasheet HTML 4Page - Protek Devices SMF05C Datasheet HTML 5Page - Protek Devices SMF05C Datasheet HTML 6Page - Protek Devices SMF05C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05138.R10 3/11
Page 2
SMF05C - SMF24C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
100
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
FIGURE 1
PEAk PULSE PowER VS PULSE TIME
t
d - Pulse Duration - µs
100W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
DEVICE
MARkING
RATED
STAND-oFF
VoLTAGE
V
wM
VoLTS
MINIMUM
BREAkDowN
VoLTAGE
@ 1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@ I
P = 5A
V
C
VoLTS
MAXIMUM
LEAkAGE
CURRENT
@V
wM
I
D
µA
MAXIMUM
CAPACITANCE
(Note 1)
@0V, 1Mhz
Cj
pF
SMF05C
05C
5.0
6.0
9.8
5
60
SMF12C
12C
12.0
13.3
18.0
1
30
SMF15C
15C
15.0
16.7
22.0
1
25
SMF24C
24C
24.0
26.7
50.0
1
20
NoTES
1. Pins 1, 3, 4, 5 or 6 to pin 2.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com