Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF-40D Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-40D
Description  40W Single Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-40D Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPF-40D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-40D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-40D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-40D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
12V
LPF-40D-12 LPF-40D-15 LPF-40D-20 LPF-40D-24 LPF-40D-30 LPF-40D-36 LPF-40D-42 LPF-40D-48 LPF-40D-54
7.2~12V
15V
9~15V
20V
12~20V
24V
14.4~24V
30V
18~30V
36V
21.6~36V
48V
28.8~48V
3.34A
2.67A
2A
1.67A
1.34A
1.12A
0.84A
40.08W
40.08W
40W
40.08W
40.2W
40.32W
40.32W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
250mVp-p
250mVp-p
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1000ms,80ms/115VACatfullload1000ms,80ms/230VAC
16ms/230VAC16ms/115VACatfullload
90~305VAC127~431VDC
47~63Hz
PF>0.97/115VAC,PF>0.95/230VAC,PF>0.92/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
84%
85%
86%
87%
88%
88%
89%
COLDSTART 75A/230VAC
<0.75mA /240VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
394.9Khrsmin.MIL-HDBK-217F(25
)
162.5*43*32mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30 minutes.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
0.45Kg;32pcs/15.4Kg/0.93CUFT
Protectiontype: Shutdownandlatchoffo/pvoltage,re-powerontorecover
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
90
10
(RTH2)
Protectiontype:Shutdowno/pvoltage, re-powerontorecover
SHORTCIRCUIT
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
54V
32.4~54V
0.76A
41.04W
350mVp-p
4.0%
0.5%
0.5%
42V
25.2~42V
0.96A
40.32W
250mVp-p
4.0%
0.5%
0.5%
88.5%
89%
15~17V
17.5~21V
23~27V
28~35V
34~40V
41~49V
54~63V
0.6A /115VAC0.3A /230VAC
46~54V
59~66V
FileName:LPF-40D-SPEC 2012-03-20
40WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Built-in active PFC function
High efficiency up to 89%
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Class 2 power unit
dimming function (1~10Vdc or PWM signal or resistance)
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
3 years warranty
(up to 305VAC)
Suitable for dry / damp / wet locations
Fully isolated plastic case
Fully encapsulated with IP67 level (Note.6)
Class
power unit, no FG
Built-in 3 in 1
Features :
L P F - 4 0 D series
ISOLATIONRESISTANCE
CONSTANTCURRENTREGION Note.4
SAFETY STANDARDS Note.6
WITHSTANDVOLTAGE
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
EMCIMMUNITY
Complianceto EN55015,EN61000-3-2ClassC(
60%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,lightindustrylevel(surge2KV),criteria A
EMCEMISSION
IP67
F
M
M
110
SELV
( for 48V,54V only)
( except for 48V,54V )
UL8750,CSA C22.2No.250.0-08(exceptfor48V,54V),EN61347-1,EN61347-2-13independent,IP67,J61347-1,J61347-2-13
approved;designrefertoUL60950-1, TUVEN60950-1


Similar Part No. - LPF-40D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
40W Single Output Switching Power Supply
LPF-40D-12 MEANWELL-LPF-40D-12 Datasheet
220Kb / 4P
40W Single Output Switching Power Supply
LPF-40D-15 MEANWELL-LPF-40D-15 Datasheet
220Kb / 4P
40W Single Output Switching Power Supply
LPF-40D-20 MEANWELL-LPF-40D-20 Datasheet
220Kb / 4P
40W Single Output Switching Power Supply
LPF-40D-24 MEANWELL-LPF-40D-24 Datasheet
220Kb / 4P
40W Single Output Switching Power Supply
More results

Similar Description - LPF-40D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
40W Single Output Switching Power Supply
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com