Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFE Datasheet(PDF) 5 Page - Emerson Network Power

Part # UFE
Description  UFE / UFR Series Up to 6000 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE Datasheet(HTML) 5 Page - Emerson Network Power

  UFE_11 Datasheet HTML 1Page - Emerson Network Power UFE_11 Datasheet HTML 2Page - Emerson Network Power UFE_11 Datasheet HTML 3Page - Emerson Network Power UFE_11 Datasheet HTML 4Page - Emerson Network Power UFE_11 Datasheet HTML 5Page - Emerson Network Power UFE_11 Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev.06.14.11_47
UFE / UFR Series
5 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
.256 ± .015
1.740 ± .015
11.777 ± .015
10.326 ± .015
.125 ± .010
R.125 ± .015
1.250 ± .010
.220 ± .010
18.435 ± .010
18.880 ± .015
0.389 ± .015
15.570 ± .015
16.515 ± .015
17.312 ± .015
1.740 ± .015
RackSpecifications
RackSignalConnectorPinout
PinNo.
Function
PinNo.
Function
1
48VSense+
14
48VIshare
2
Ground
15
Unit1Present
3
48VSense-
16
Ground
4
Ground
17
Unit2Present
5
PS-EN(Control)
18
Ground
6
DC1-OK0-L
19
Unit3Present
7
DC2-OK-L
20
Ground
8
DC3-OK-L
21
SCL
9
I2C-En-H-1(Comm-En-H)
22
Ground
10
I2C-En-H-2(Comm-En-H)
23
SDA
11
I2C-En-H-3(Comm-En-H)
24
Ground
12
Ground
25
SMBALERT#
13
12V-Aux
26
N/C
SignalConnector(1pershelf)
ShelfConnector
MatingConnector
Molex:52986-2679
Molex:52316-2619
Tyco:2-178238-4
Tyco:2-5175677-4
ACInputConnector(3pershelf)
ShelfConnector
MatingConnector
IEC320C20Socket
IEC320C20Plug
(StraightEntry)
ShelfDIPSwitchTable
ShelfNumber
DIPSwitch
DIPSwitch
1
Up
Up
2
Up
Down
3
Down
Up
4
Down
Down



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com