Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC220A24-R7B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GC220A24-R7B
Description  220W Single Output Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GC220A24-R7B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GC220A24-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GC220A24-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
ChargingCurve
CaseNo.961A
Unit:mm
DCoutputconnector(optional)
[housing: Anderson1327FP(red),1327G6FP(black)
contacts: Anderson261G2(45A)orequivalent]
AD1
Red(+V)
Black(-V)
AMBIENTTEMPERATURE(
)
0
-30
20
10
30
40
20
40
80
60
100
60
50
70
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
50
230VAC
100VAC
TIME
V
100%
10%
ConstantVoltage Area
Stage2
FloatCharging
I
(V,I)
ConstantCurrent Area
FastCharging
Stage1
Red
Green
ColorofLED
Plug Assignment
PINNO.
1,4
2,3
DCoutputconnector(standard)
R7B
(KYCONKPP-4Sorequivalent)
OUTPUT
+V
-V
2
3
1
4
ACFG
-Vconnectedto ACFG
POWERLED
POWERLED
G C 2 2 0 series
220WSingleOutputBatteryCharger
FileName:GC220-SPEC 2011-08-09
46
46
210
210
30 3mm
(R7B)
(AD1)
30 3mm
UL246416AWGx4C1000 50mm
SJTW 14AWGx2C1000 50mm
1
2
4
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com