Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC220A48-R7B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GC220A48-R7B
Description  220W Single Output Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GC220A48-R7B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GC220A48-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GC220A48-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDERNO.
DCVOLTAGE (Typ.)
SAFETY MODEL NO.
RATEDPOWER
OUTPUT
VOLTAGERANGE
Note.3
FREQUENCY RANGE
POWERFACTOR(Typ.)
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.5)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
GC220A24-
GC220A48-
GC220A24
GC220A48
GC220A12-
ORDERNO.
OUTPUTCONNECTOR
SAFETY
GC220Axx-R7B(standardmodel)
4pinpowerdin
TUV/CB/FCC/CE
GC220Axx-AD1(optionalmodel)
=R7B,AD1
GC220Axx-
xx=12,24,48;
Andersonconnector
UL / TUV/CB/FCC/CE
GC220A12
27.2V
54.4V
13.6V
LEDINDICATOR
Charging(CC):REDFloatingcharging(CV):GREEN
90~264VAC127~370VDC
47~63Hz
PF>0.90/230VACPF>0.98/115VACatfullload
92.5%
93%
89%
4A /115VAC2A /230VAC
120A /230VAC
1.5mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P
/25
/70%RH
:100MOhms/500VDC
190Khrsmin.MIL-HDBK-217F(25
)
-30~+60
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
210*85*46mm(L*W*H)
1.1Kg;12pcs/14.2Kg/0.73CUFT(GC220Axx-R7B)1.2Kg;12pcs/15.4Kg/1CUFT(GC220Axx-AD1)
CONNECTOR
PLUG
CABLE
Seepage2
thertypeavailablebycustomerrequested
;O
Seepage2
thertypeavailablebycustomerrequested
;O
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. This is MeanWell's suggested range, please consult your battery manufacturer for their suggestions about maximum charging current limitation.
3. Derating may be needed under low input voltage. Please check the derating curve for more details.
4. Constant current operation region is within 50~100% rated output voltage.
5. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that whole system complies with the
EMC directives.
Features :
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
OVERLOAD
Note.4
OVERVOLTAGE
90~110% ratedoutputpower
Protectiontype:Constantcurrentlimitingrecoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
217.6W
217.6W
183.6W
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL1012(forGC220Axx-AD1only), TUVEN60950-1approved
CompliancetoEN55022classB,FCCPART 15classB/CISPR22classB, EN61000-3-2,3
2 stage charging characteristic
Universal AC input / Full range
No load power consumption<1W
3 pole AC inlet IEC320-C14
Class power ( with earth pin)
Protections: Short circuit / Overload / Over voltage / Over temperature
C
Fully enclosed plastic case
2 color LED indicator for charging status
Approvals: TUV / UL / CB / FCC / CE
2 years warranty
Built-in active PFC function, PF>0.90
ooling by free air convection
OVERTEMPERATURE
95
10
(TSW1)detectonheatsinkofpowertransistor
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
G C 2 2 0 series
220WSingleOutputBatteryCharger
RECOMMENDED BATTERY
CAPACITY
Note.2
CURRENT (Typ.)
CONTINUOSOUTPUT
40~125Ah
8A
20~65Ah
4A
80~200Ah
13.5A
SHORTCIRCUIT
FileName:GC220-SPEC 2011-08-09
( for GC220Axx-AD1 only)
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
EMCIMMUNITY
EMCEMISSION


Similar Part No. - GC220A48-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GC220A48 MEANWELL-GC220A48 Datasheet
193Kb / 2P
220W Single Output Battery Charger
logo
Total Power Internation...
GC220A48 TOTAL-POWER-GC220A48 Datasheet
179Kb / 2P
220W Single Output Battery Charger
More results

Similar Description - GC220A48-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
360W Single Output Battery Charger
GC220 MEANWELL-GC220 Datasheet
193Kb / 2P
220W Single Output Battery Charger
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
600W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
120W Single Output Battery Charger
GC330 MEANWELL-GC330 Datasheet
186Kb / 2P
330W Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
120W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
160W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
220W Single Output Battery Charger
GC-330 TOTAL-POWER-GC-330 Datasheet
187Kb / 2P
330W Single Output Battery Charger
logo
Mean Well Enterprises C...
HEP-600C MEANWELL-HEP-600C Datasheet
114Kb / 4P
600W Single Output Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com