Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC160A24-R7B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GC160A24-R7B
Description  160W Single Output Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GC160A24-R7B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GC160A24-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GC160A24-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
Plug Assignment
ChargingCurve
CaseNo.997A
Unit:mm
TIME
V
100%
10%
ConstantVoltage Area
Stage2
FloatCharging
I
(V,I)
ConstantCurrent Area
FastCharging
Stage1
Red
Green
ColorofLED
AMBIENT TEMPERATURE(
)
-30
20
10
30
40
20
40
80
60
100
60
50
70
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
(HORIZONTAL)
50
230VAC
100VAC
POWERLED
POWERLED
175
175
35
35
UL246418AWGx4C1200 50mm
SJTW16AWGx2C1200 50mm
PINNO.
1,4
2,3
DCoutputconnector(standard)
DCoutputconnector(optional)
R7B
(KYCONKPP-4Sorequivalent)
[housing: Anderson1327FP(red),1327G6FP(black)
contacts: Anderson261G2(45A)orequivalent]
AD1
Red(+V)
Black(-V)
OUTPUT
+V
-V
2
3
1
4
(R7B)
(AD1)
ACFG
-Vconnectedto ACFG
1
2
4
3
30 3mm
30 3mm
G C 1 6 0 series
160WSingleOutputBatteryCharger
FileName:GC160-SPEC 2011-08-09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com