Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC120A48-R7B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GC120A48-R7B
Description  120W Single Output Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GC120A48-R7B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GC120A48-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GC120A48-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDERNO.
DCVOLTAGE (Typ.)
SAFETY MODEL NO.
RATEDPOWER
OUTPUT
VOLTAGERANGE
Note.3
FREQUENCY RANGE
POWERFACTOR(Typ.)
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.5)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
GC120A24-
GC120A48-
GC120A24
GC120A48
GC120A12-
GC120A12
27.2V
54.4V
13.6V
LEDINDICATOR
Charging(CC):REDFloatingcharging(CV):GREEN
85~264VAC120~370VDC
47~63Hz
PF>0.97/230VACPF>0.99/115VACatfullload
90%
29~33V
91%
59~69V
86.5%
1.4A /115VAC0.7A /230VAC
70A /230VAC
0.75mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P
/25
/70%RH
:100MOhms/500VDC
400.7Khrsmin.MIL-HDBK-217F(25
)
-30~+70
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
167*67*35mm(L*W*H)
0.62Kg;20pcs/13.4Kg/0.9CUFT
CONNECTOR
PLUG
CABLE
Seepage2
thertypeavailablebycustomerrequested
;O
Seepage2
thertypeavailablebycustomerrequested
;O
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. This is MeanWell's suggested range, please consult your battery manufacturer for their suggestions about maximum charging current limitation.
3. Derating may be needed under low input voltage. Please check the derating curve for more details.
4. Constant current operation region is within 50~100% rated output voltage.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Features :
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
OVERLOAD
Note.4
OVERVOLTAGE
90~110% ratedoutputpower
Protectiontype:Constantcurrentlimitingrecoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
14~16.5V
120.2W
120.2W
102W
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL1012(forGC120Axx-AD1only), TUVEN60950-1approved
CompliancetoEN55022classB,FCCPART 15classB/CISPR22classB,EN61000-3-2,3
2 stage charging characteristic
Universal AC input / Full range
No load power consumption<0.5W
3 pole AC inlet IEC320-C14
Class I power ( with earth pin)
Protections: Short circuit / Overload / Over voltage / Over temperature
C
Fully enclosed plastic case
2 color LED indicator for charging status
Approvals: TUV / UL / CB / FCC / CE
2 years warranty
Built-in active PFC function, PF>0.97
ooling by free air convection
OVERTEMPERATURE
100
10
(RTH2)detectoninsideambienttemperature
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
G C 1 2 0 series
120WSingleOutputBatteryCharger
RECOMMENDED BATTERY
CAPACITY
Note.2
CURRENT (Typ.)
CONTINUOSOUTPUT
20~65Ah
4.42A
10~35Ah
2.21A
40~100Ah
7.5A
SHORTCIRCUIT
FileName:GC120-SPEC 2011-08-09
ORDERNO.
OUTPUTCONNECTOR
SAFETY
GC120Axx-R7B(standardmodel)
4pinpowerdin
TUV/CB/FCC/CE
GC120Axx-AD1(optionalmodel)
=R7B,AD1
GC120Axx-
xx=12,24,48;
Andersonconnector
UL / TUV/CB/FCC/CE
( for GC120Axx-AD1 only)
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
EMCIMMUNITY
EMCEMISSION


Similar Part No. - GC120A48-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GC120A48 MEANWELL-GC120A48 Datasheet
142Kb / 2P
120W Single Output Battery Charger
logo
Total Power Internation...
GC120A48 TOTAL-POWER-GC120A48 Datasheet
140Kb / 2P
120W Single Output Battery Charger
More results

Similar Description - GC120A48-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PA-120 MEANWELL-PA-120 Datasheet
184Kb / 2P
120W Single Output Power Supply or Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
360W Single Output Battery Charger
PS-120 MEANWELL-PS-120 Datasheet
185Kb / 2P
120W Single Output Power Supply or Battery Charger
GC120 MEANWELL-GC120 Datasheet
142Kb / 2P
120W Single Output Battery Charger
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
600W Single Output Battery Charger
PS-120_0811 MEANWELL-PS-120_0811 Datasheet
567Kb / 2P
120W Single Output Power Supply or Battery Charger
PA-120 MEANWELL-PA-120_11 Datasheet
566Kb / 2P
120W Single Output Power Supply or Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
220W Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
120W Single Output Battery Charger
PB-120 TOTAL-POWER-PB-120 Datasheet
193Kb / 2P
120W Single Output Power Supply or Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com