Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2112CP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2112CP
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2112CP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2112CP Datasheet HTML 9Page - NXP Semiconductors PCF2112CP Datasheet HTML 10Page - NXP Semiconductors PCF2112CP Datasheet HTML 11Page - NXP Semiconductors PCF2112CP Datasheet HTML 12Page - NXP Semiconductors PCF2112CP Datasheet HTML 13Page - NXP Semiconductors PCF2112CP Datasheet HTML 14Page - NXP Semiconductors PCF2112CP Datasheet HTML 15Page - NXP Semiconductors PCF2112CP Datasheet HTML 16Page - NXP Semiconductors PCF2112CP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 Mar 28
13
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
10 DC CHARACTERISTICS
VDD = 2.25 to 6.0 V; VSS =0V; Tamb = −40 to +80 °C; RO =1MΩ; CO = 680 pF; unless otherwise specified.
Notes
1. Outputs open; CBUS inactive.
2. Resets all logic, when VDD <VPOR.
3. Periodically sampled (not 100% tested).
4. Outputs measured one at a time.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.25
−
6.0
V
IDD
supply current
note 1; see Fig.13
−
20
50
µA
note 1; Tamb =25 °C;
see Fig.13
−
20
30
µA
VPOR
power-on reset voltage level
note 2
−
1.0
1.6
V
Inputs CLB, DATA and DLEN
VIL
LOW level input voltage
−−
0.8
V
VIH
HIGH level input voltage
2.0
−−
V
ILI
input leakage current
VI =VSS or VDD
−−±1
µA
Ci
input capacitance
note 3
−−
10
pF
Input OSC
Iosc
oscillator start-up current
VI =VSS
0.5
1.2
5.0
µA
LCD outputs
VBP
DC voltage of backplane drivers
−±20
−
mV
ZO(BP)
backplane driver output impedance
note 4; VDD =5V
−
0.5
5.0
k
Ω
ZO(S)
segment driver output impedance
note 4; VDD =5V
−
17k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com