Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC877G16A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC877G16A
Description  CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877G16A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC877G16A Datasheet HTML 1Page - Sanyo Semicon Device LC877G16A Datasheet HTML 2Page - Sanyo Semicon Device LC877G16A Datasheet HTML 3Page - Sanyo Semicon Device LC877G16A Datasheet HTML 4Page - Sanyo Semicon Device LC877G16A Datasheet HTML 5Page - Sanyo Semicon Device LC877G16A Datasheet HTML 6Page - Sanyo Semicon Device LC877G16A Datasheet HTML 7Page - Sanyo Semicon Device LC877G16A Datasheet HTML 8Page - Sanyo Semicon Device LC877G16A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LC877G16A
No.A2006-2/17
Ports
• Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1-bit units:
13 (2 for UART, 1 for remote control, and 10 for
key-scan signal I/O)
• Normal withstand voltage input port
1 (XT1)
• LCD ports
Segment output:
74 (S00 to S73)
Common output:
4 (COM0 to COM3)
Bias power supply for LCD driving:
3 (V1 to V3)
Multiplexed pin functions
Input/output ports:
8 (P1n)
• Dedicated oscillator ports
2 (CF1, CF2)
• Reset pin
1 (RES)
• Power pins
2 (VDD1, VSS1)
LCD Controller
(1) Display duty: 1/3duty, 1/4duty
(2) Display bias: 1/2bias, 1/3bias
UART
• Full duplex
• 7/8/9 bits data bit selectable
• 1 stop bit (2-bit in continuous data transmission)
• Built-in baudrate generator
• Maximum transfer rate: 200kbps (5MHz)
Timers
• Timer 0: 16-bit timer/counter with a capture register
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
+ 8-bit counter (with an 8-bit capture registers)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
• Timer 4: 8-bit timer with a 6-bit prescaler
• Timer 5: 8-bit timer with a 6-bit prescaler
• Timer 8: 16-bit timer
Mode 0: 8-bit timer with an 8-bit prescaler
× 2 channels
Mode 1: 16-bit timer with an 8-bit prescaler
• Base Timer
1) The clock can be selected from the system clock and timer 0 prescaler output.
2) An interrupt can be generated at five different time intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com