Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC203C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC203C
Description  Diffused Junction Type Silicon Diode Varactor Diode for FM Low-Voltage Electronic Tuning Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC203C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC203C Datasheet HTML 1Page - Sanyo Semicon Device SVC203C Datasheet HTML 2Page - Sanyo Semicon Device SVC203C Datasheet HTML 3Page - Sanyo Semicon Device SVC203C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SVC203C
No.2195-2/4
Package Dimensions
Electrical Connection
unit : mm (typ)
7013A-006
Address and Capacitance Value (Reference Value)
C1.0V
C6.0V
C9.0V
Address
Capacitance (pF)
Address
Capacitance (pF)
Address
Capacitance (pF)
11
59.10
61
18.91
91
10.89
62.92
19.95
12.17
12
61.97
62
19.76
92
11.93
65.65
20.85
13.33
63
20.64
21.79
64
21.57
22.77
65
22.55
23.80
66
23.56
24.87
1
3
2
1 : Anode
2 : Anode
3 : Cathode
Top view
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
12
3
2.9
0.95
0.4
0.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com