Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3252 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3252
Description  WS3252 High Precision CC/CV Primary-Side PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3252 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3252 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WS3252
WS3252
WS3252
WS3252
Rev.A Sep.2011
Features
Features
Features
Features
■ 5uA ultra-low startup current
■ 2mA Low operating current
■±5% Constant Voltage Regulation at Universal AC input
■ Primary-side Sensing and Regulation Without TL431
and Opto-coupler
■ Programmable CV and CC Regulation
■ Built-in Primary winding inductance compensation
■ Programmable cable drop compensation
■ Built-in soft start
■ Built-in Leading-edge blanking
■ Cycle by cycle over current protection (OCP)
■ VCC over voltage clamp & under voltage lockout( UVLO)
■ Maximum Gate output voltage clamped at 12V
■ Frequency jittering
Applications
Applications
Applications
Applications
Low power AC/DC offline SMPS for
■ Cell Phone Charger
■ Digital Cameras Charger
■ Small Power Adapter
■ Auxiliary Power for PC, TV etc.
■ Linear Regulator/RCC Replacement
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
WS3252 is a high-integrated offline PWM controller,
optemized for high poformance low power AC/DC charger
and adapter adapter application.
WS3252 operates in primary-side sensing and regulation.
Consequently,
opto-coupler
and
TL431
could
be
eliminated, thus reduce the cost. It can achieve ± 5%
constant voltage precision in full input voltage range.
CC/CV Control as shown in fig.1.In CC Control, the current
and output power setting can be adjusted externally by the
sense resistor Rs at CS pin. In CV control, multi-mode
operations are utilized to achieve high performance and
high efficiency. In addition, good load regulation is
achieved by the built-in cable drop compensation. Device
operates in PFM in CC mode as well at large load
condition and it operates in PWM with frequency reduction
at light/medium load.
WS3252 offers power on soft start control and protection
coverage
with
auto-recovery
features
including
Cycle-by-Cycle current limiting, VCC OVP,VCC clamp and
UVLO. The gate-driven output is clamped to maximum 12V
to protect the internal MOSFET. Excellent EMI performance
is achieved by using the soft-switching and frequency jittering
at the totem-pole-gate-drive output. The WS3252 is the ideal
substitute of the linear power supply or the RCC-mod e
power, for a better performance of the whole switch power
system and a lower cost.
WS3252 is available in SOT23-6 package.
WS3252 High Precision CC/CV Primary-Side PWM Controller
V o
I o
5 %
I c c
General
General
General
General Description
Description
Description
Description


Similar Part No. - WS3252

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3253 WINSEMI-WS3253 Datasheet
266Kb / 11P
High Precision Primary-Side Off-line PWM Power Switch
WS3254 WINSEMI-WS3254 Datasheet
238Kb / 10P
High Precision Primary-Side Off-line PWM Power Switch
WS3255D8P WINSEMI-WS3255D8P Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
WS3256 WINSEMI-WS3256 Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
More results

Similar Description - WS3252

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2132 ORISTER-RS2132 Datasheet
598Kb / 10P
High Precision CC/CV Primary?륲ide PWM Controller
logo
Unisonic Technologies
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
logo
Maxic Technology Corpor...
MT7970 MAXIC-MT7970 Datasheet
219Kb / 1P
High Precision CC/CV Primary-Side PWM Controller
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6535 FUMAN-TC6535 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6538 FUMAN-TC6538 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
logo
Princeton Technology Co...
RS2139 PTC-RS2139 Datasheet
253Kb / 4P
High Precision CC / CV Primary-Side PWM Controller
logo
List of Unclassifed Man...
OB2532 ETC2-OB2532 Datasheet
404Kb / 10P
High Precision CC/CV Primary-Side PWM Controller
logo
AiT Semiconductor Inc.
AP8836 AITSEMI-AP8836 Datasheet
586Kb / 15P
AC-DC PWM CONTROLLER HIGH PRECISION CC/CV PRIMARY-SIDE CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com