Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2611B Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # K2611B
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

K2611B Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  K2611B Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd K2611B Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
K2611B
K2611B
K2611B
K2611B
Rev.A Nov.2011
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
■ 11A,900V, RDS(on)(Max1.10Ω)@VGS=10V
■ Ultra-low Gate charge(Typical 72nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
General Description
This N-Channel enhancement mode power field effect transistors
are produced using Winsemi's proprietary, planar stripe ,DMOS
technology. This advanced technology has been especially tailored
to minimize on-state resistance , provide superior switching
performance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high efficiency
switch mode power supplies.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
900
V
ID
Continuous Drain Current(@Tc=25℃)
11
A
Continuous Drain Current(@Tc=100℃)
7
A
IDM
Drain Current Pulsed
(Note1)
45.6
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
1000
mJ
EAR
Repetitive Avalanche Energy
(Note1)
30
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4.0
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
300
W
Derating Factor above 25℃
2.38
W/℃
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
TL
Channel Temperature
300
℃
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
0.42
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
40
℃/W


Similar Part No. - K2611B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
K2611B WINSEMI-K2611B Datasheet
288Kb / 8P
Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
Silicon N-Channel MOSFET
More results

Similar Description - K2611B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com