Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23C Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BAV23C
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAV23C Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BAV23C Datasheet HTML 1Page - KEC(Korea Electronics) BAV23C Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 5 .15
2/2
BAV23C
Revision No : 1
Fig. 1. REVERSE RECOVERY TIME(t ) TEST CIRCUIT
rr
E
INPUT
WAVEFORM
INPUT
0.01
µF
DUT
OUTPUT
SAMPLING
OSCILLOSCOPE
(R =50
Ω)
IN
WAVEFORM
0.1 IR
0
IR
F
I
rr
t
PULSE GENERATOR
(R
=50
Ω)
OUT
50ns
-6V
0
IF - VF
FORWARD VOLTAGE VF (V)
0
0
100
200
300
400
500
0.2
0.4
0.6
0.8
1.0
1.4
1.2
85 C
150 C
-40 C
25 C
85 C
150 C
-40 C
25 C
CT - VR
REVERSE VOLTAGE VR (V)
0
0
0.2
0.4
0.6
0.8
1
1.2
510
15
202530
IR - VR
REVERSE VOLTAGE VR (V)
0
10-6
10-5
10-4
10-3
10-2
10-1
1
101
102
50
100
150
200
250
IF - Ta
AMBIENT TEMPERATURE Ta ( C)
0
0
50
100
150
200
250
50
100
150
Double
Single



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com