Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R00PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78R00PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R00PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R00PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R00PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R00PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R00PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R00PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2008. 6. 24
1/5
SEMICONDUCTOR
TECHNICAL DATA
KIA78R00PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 1
1A ADJUSTABLE LOW DROP VOLTAGE REGULATOR
The KIA78R00PI is a Low Drop Voltage Regulator suitable
for various electronic equipments. The Regulator has multi
function such as over current protection, overheat protection.
FEATURES
Adjustable Output Voltage (Range : 1.5~30V)
1.0A Output Low Drop Voltage Regulator.
Built in Over Current Protection, Over Heat Protection Function.
A
L
D
M
12
34
1
2
3
4
INPUT (V
)
OUTPUT (V )
GND
ADJUSTABLE (Adj.)
IN
O
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
8
5
C
E
H
L
V
V
U
T
K
O
R
S
P
+
_
+
_
+
_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Remark
Input Voltage
VIN
35
V
-
Output Current
IOUT
1
A
-
Power Dissipation 1
PD1
1.5
W
No heatsink
Power Dissipation 2
PD2
15
W
Infinite
heatsink
Operating Junction Temperature
TJ(opr)
-40~150
-
Storage Temperature
Tstg
-45
150
-
Soldering Temperature (10sec)
Tsol
260
-


Similar Part No. - KIA78R00PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R00PI KEC-KIA78R00PI_15 Datasheet
434Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78R00PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com