Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R015F/PI Datasheet(PDF) 10 Page - KEC(Korea Electronics)

Part # KIA78R015F/PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R015F/PI Datasheet(HTML) 10 Page - KEC(Korea Electronics)

Back Button KIA78R015F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 9Page - KEC(Korea Electronics) KIA78R015F/PI Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2005. 11. 8
10/10
KIA78R000F/PI~KIA78R050F/PI
Revision No : 3
Fig.13 RR-f
FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
1
10
100
AMBIENT TEMPERATURE Ta ( C)
Fig.15 P - Ta (PI-Type : TO-220IS-4)
D
0
-25
050
100
150
5
10
15
20
0.1
0.2
0.3
0.4
0.5
0
0.6
50
0
50
100
150
JUNCTION TEMPERATURE T ( C)
j
THERMAL RESISTANCE
J-C
8.33
J-A
83.3
C/W
KIA78R033F/PI
V
=5.3V
I
=50mA
IN
OUT
T =25 C
j
Fig.12 V - T
D
j
I
=0.1A
OUT
I
=1A
OUT
I
=0.5A
OUT
KIA78R033F/PI
AMBIENT TEMPERATURE Ta ( C)
Fig.14 P - Ta (F-Type : DPAK-5)
D
0
150
50
100
3
0
6
9
15
12
THERMAL RESISTANCE
J-C
9.62
J-A
96.2
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com