Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R018F/PI Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA78R018F/PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R018F/PI Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA78R018F/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R018F/PI Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2005. 11. 8
3/10
KIA78R000F/PI~KIA78R050F/PI
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA78R015F/PI (Unless otherwise specified, VIN=3.8V, Tj=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN=3.8V, IOUT=0.5A
1.45
1.5
1.55
V
2.8V
VIN 12V, 5mA IOUT 1A,
0
Tj
125
1.434
1.5
1.566
Line Regulation
Reg Line
2.8V
VIN 12V, IOUT=0.5A
-
5
20
mV
Load Regulation
Reg Load
VIN=3.8V, 5mA IOUT 1A
-
5
20
mV
Quiescent Current
IB
2.8V
VIN 12V, IOUT=0A
-
0.8
1.8
mA
2.8V
VIN 12V, IOUT=1A
-
10
20
Starting Quiescent Current
IBstart
VIN=2.1V, IOUT=0A
-
0.7
5
mA
VIN=2.5V, IOUT=1A
-
10
30
Output Noise Voltage
VNO
VIN=3.8V, IOUT=50mA,
10Hz
f
100kHz
-
75
-
Vrms
Ripple Rejection
R
R
2.8V
VIN 12V, IOUT=50mA, f=120Hz
53
65
-
dB
Dropout Voltage
VD
IOUT=0.5A
-
0.5
0.7
V
IOUT=1A
-
0.6
-
Quiescent Current (OFF mode)
IQ(OFF)
VC=0.4V, 2.8V VIN 12V
-
0.5
5
A
Output Control Voltage (ON)
VC(ON)
IOUT=0.1A
2
-
-
V
Output Control Voltage (OFF)
VC(OFF)
-
-
-
0.8
V
Output Control Current (ON)
IC(ON)
VIN=VC=3.8V, IOUT=0.1A
-
20
100
A
Output Control Current (OFF)
IC(OFF)
VIN=3.8V, VC=0V
-
0.1
2
A
ELECTRICAL CHARACTERISTICS
KIA78R000F/PI (Unless otherwise specified, VIN=2.8V, Tj=25 )
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
VIN
-
2.3
-
15
V
Output Voltage
VOUT
VIN=2.8V, IOUT=0.5A
1.225
1.25
1.275
V
2.8V
VIN 12V, 5mA IOUT 1A,
0
Tj
125
1.21
1.25
1.29
Line Regulation
Reg Line
2.8V
VIN 12V, IOUT=0.5A
-
5
20
mV
Load Regulation
Reg Load
VIN=2.8V, 5mA IOUT 1A,
-
5
20
mV
Quiescent Current
IB
2.8V
VIN 12V, IOUT=0A
-
0.8
1.8
mA
2.8V
VIN 12V, IOUT=1A
-
10
20
Starting Quiescent Current
IBstart
VIN=2.1V, IOUT=0A
-
0.7
5
mA
VIN=2.5V, IOUT=1A
-
10
30
Output Noise Voltage
VNO
VIN=2.8V, IOUT=50mA,
10Hz
f
100kHz
-
110
-
Vrms
Ripple Rejection
R
R
2.8V
VIN 12V, IOUT=50mA, f=120Hz
53
65
-
dB
Dropout Voltage
VD
IOUT=0.5A
-
0.3
0.5
V
IOUT=1A
-
0.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com