Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA317PI Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA317PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA317PI Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA317PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2012. 1. 31
2/6
KIA317F/PI
Revision No : 6
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
(VI-VO=5V, IO=0.5A, 0℃≤Tj≤125℃, IMAX=1.5A, unless otherwise specified.)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Line Regulation
ΔV
O(Line)
Ta=25
℃,
Io=10mA
3V
≤Vin-Vout≤40V
-
0.01
0.04
%/V
Ta=0
~125℃,
Io=10mA
-
0.02
0.07
Load Regulation
ΔV
O(Load)
Ta=25
℃,
10mA
≤Iout≤I
MAX
-
0.1
0.5
%
Ta=0
~125℃,
-
0.3
1.5
Adjustable Pin Current
IAdj
-
50
100
㎂
Adjustable Pin Current Change
ΔI
Adj
10mA
≤Io≤I
MAX, 3V≤Vin-Vout≤40V
-
0.2
5
㎂
Reference Voltage
Vref
10mA
≤Io≤I
MAX, 3V≤Vin-Vout≤40V,
P
≤P
MAX
1.20
1.25
1.30
V
Temperature Stability
STT
TMin≤Tj≤TMAX
-
1
-
%
Minimum Load Current to
Maintain Regulation
Io(MIN)
(Vin-Vout)=40V
-
3.5
10
mA
Current Limit
Io(MAX)
(Vin-Vout)
≤15V, P≤P
MAX
1.5
2.2
3.4
A
(Vin-Vout)
≤40V, P≤P
MAX, Ta=25℃
0.15
0.4
-
A
Output Noise Voltage
VNO
Ta=25
℃, 10H
Z≤f≤10kHZ, % of Vout
-
0.0003
-
%
Ripple Rejection Ratio
RR
Vo=10V, f=120HZ
-
65
-
dB
CAdj=10㎌
66
80
-
Long Term Stability
ST
Ta=25
℃ for end point measurement,
1000 Hr
-
0.3
1
%
Note : Load and line regulation are specified at constant junction temperature.
Change in Vo due to heating effects must be taken into account separately. Pulse testing with low duty is used.
TYPICAL APPLICATION (PROGRAMMABLE REGULATOR)
Ci is required when regulator is located an appreciable distance from power supply filter.
Co is not needed for stability, however, in the range of 1
㎌ to 100㎌ of aluminum or tantalum
electrolytic are commonly used to provide improved output impedance and rejection of transients.
Since IAdj is controlled to less then 100㎂, the error associated with this term is negligible in most applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com