Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117BS/BF/BPI33 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA1117BS/BF/BPI33
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117BS/BF/BPI33 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA1117BS/BF/BPI33 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117BS/BF/BPI33 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117BS/BF/BPI33 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117BS/BF/BPI33 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117BS/BF/BPI33 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2011. 3. 30
2/5
KIA1117BS/BF/BPI00 ~ KIA1117BS/BF/BPI50
Revision No : 0
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Tj=25
CHARACTERISTIC
ITEM
SYMBOL
TEST CONDITIONS
MIN.
TYP. MAX. UNIT
Reference Vorrage
KIA1117-Adj
VREF1
VIN=VOUT+1.5V, IOUT=10mA
1.225
1.25
1.275
V
VREF2
10mA
≤IOUT≤1A, VOUT+1.5V≤VIN=10V
1.213
1.25
1.288
V
Output Voltage
KIA1117-12
VOUT1
VIN=2.7V, IOUT=10mA
1.176
1.2
1.224
V
VOUT2
10mA
≤IOUT≤1A, 2.7V≤VIN≤10V
1.164
1.2
1.236
V
KIA1117-15
VOUT1
VIN=3.0V, IOUT=10mA
1.470
1.5
1.530
V
VOUT2
10mA
≤IOUT≤1A, 3.0V≤VIN≤10V
1.460
1.5
1.540
V
KIA1117-18
VOUT1
VIN=3.3V, IOUT=10mA
1.764
1.8
1.836
V
VOUT2
10mA
≤IOUT≤1A, 3.3V≤VIN≤10V
1.754
1.8
1.846
V
KIA1117-25
VOUT1
VIN=4.0V, IOUT=10mA
2.450
2.5
2.550
V
VOUT2
10mA
≤IOUT≤1A, 4.0V≤VIN≤10V
2.440
2.5
2.560
V
KIA1117-33
VOUT1
VIN=4.8V, IOUT=10mA
2.234
3.3
3.366
V
VOUT2
10mA
≤IOUT≤1A, 4.8V≤VIN≤10V
3.201
3.3
3.399
V
KIA1117-50
VOUT1
VIN=6.5V, IOUT=10mA
4.900
5.0
5.100
V
VOUT2
10mA
≤IOUT≤1A, 6.5V≤VIN≤10V
4.850
5.0
5.150
V
Line Regulation
-
Reg Line
VOUT+1.5V≤VIN≤10V, IOUT=10mA
-
1
10
mV
Load Regulation
-
Reg Load
10mA
≤IOUT≤1A, VIN=VOUT+2.0V
-
0.5
1
%
Adjustable Pin Current
KIA1117-Adj
IADJ
VIN=VOUT+1.5V
-
35
-
μA
Minimum Load Current
KIA1117-Adj
IMIN
VIN=VOUT+1.5V
10
-
-
mA
Quiescent Current
-
IB1
VIN=VOUT+1.25V, IOUT=0A
-
5
10
mA
IB2
VIN=10V, IOUT=0A
-
5
10
Output Noise Voltage
-
VNO
VIN=VOUT+1.25V, IOUT=40mA,
10Hz
≤f≤10kHz
-
100
-
μVrms
Short Circuit Current Limit
-
ISC
VIN=VOUT+2.0V
1.1
-
-
A
Ripple Rejection
-
R
・R
IOUT=40mA, f=120Hz, Vripple=1Vp-p
VIN=VOUT+3V
60
80
-
dB
Dropout Voltage
-
VD
IOUT=1A
-
1.1
1.4
V
Temperature Stability
-
TCVO
VIN=VOUT+1.5V, IOUT=10mA, Tj=-40~150
-
0.5
-
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com