Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA4558F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA4558F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA4558F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA4558F Datasheet HTML 1Page - KEC(Korea Electronics) KIA4558F Datasheet HTML 2Page - KEC(Korea Electronics) KIA4558F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2009. 10. 6
2/3
KIA4558P/F
Revision No : 0
V
-IN A
+IN A
OUT A
OUT B
-IN B
+IN B
VEE
CC
EQUIVALENT CIRCUIT
ELECTRICAL CHARACTERISTICS (VCC=15V, VEE=-15, Ta=25℃)
CHARACTERISTIC
SYMBOL TEST CIRCUIT
TEST CONDITION
Min.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
-
Rg≦10kΩ
-
0.5
6
mV
Input Offset Current
IIO
-
-
-
5
200
nA
Input Bias Current
II
-
-
-
60
500
nA
Common Mode Input Voltage
CMVIN
-
-
±12
±14
-
V
Maximum Output Voltage
VOM
-
RL=10kΩ
±12
±14
-
V
VOMR
RL=2kΩ
±10
±13
-
Source Current
Isource
-
-
27
-
-
mA
Sink Current
Isink
-
-
27
-
-
mA
Voltage Gain (Open Loop)
GV
-
VOUT=±10V, RL=2kΩ
86
100
-
dB
Common Mode Input Signal Rejection Ratio
CMRR
-
Rg≦10kΩ
70
90
-
dB
Supply Voltage Rejection Ratio
SVRR
-
Rg≦10kΩ
-
30
150
μV/V
Slew Rate
SR
-
GV=1, RL=2kΩ
-
1.0
-
V/μ
s
Unity Gain Cross Frequency
fT
-
Open Loop
-
3.0
-
MHz
Supply Current
ICC, IEE
-
-
-
4.0
6.0
mA
Equivalent Input Noise Voltage
VNI
-
RS=1kΩ, f=30Hz~30kHz
-
2.5
-
μV
rms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com