Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7905F/PI Datasheet(PDF) 13 Page - KEC(Korea Electronics)

Part # KIA7905F/PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7905F/PI Datasheet(HTML) 13 Page - KEC(Korea Electronics)

Back Button KIA7905F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 9Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 10Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 11Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 12Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 13Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 14Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 15Page - KEC(Korea Electronics) KIA7905F/PI Datasheet HTML 16Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2000. 12. 9
13/15
KIA7905F/PI~KIA7924F/PI
Revision No : 1
ELECTRICAL CHARACTERISTICS
KIA7924F/PI
(Unless otherwise specified, VIN=-33V, IOUT=500mA, 0
Tj
125
, CIN=0.33 F, COUT=0.1 F)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig.1
Tj=25
-25
-24
-23
V
Input Regulation
Reg line
Fig.1
Tj=25
-36V
VIN
-30V
-
8
240
mV
-38V
VIN
-27V
-
15
480
Load Regulation
Reg load
Fig.1
Tj=25
5mA
IOUT
1.5A
-
15
480
mV
250mA
IOUT
750mA
-
5
240
Output Voltage
VOUT
Fig.1
-38V
VIN
-27V
5mA
IOUT
1.0A
-25.2
-24
-22.5
V
Quiescent Current
IB
Fig.1
Tj=25
-
3
6
mA
Quiescent
Current Change
Line
IBI
Fig.1
-38V
VIN
-27V
-
-
1.0
mA
Load
IBO
5mA
IOUT
1.0A
-
-
0.5
Output Noise Voltage
VNO
Fig.2
Ta=25
, 10Hz
f
100kHz
-
400
-
Vrms
Ripple Rejection Ratio
RR
Fig.3
f=120Hz, IOUT=20mA,
54
60
-
dB
Short Circuit Current Limit
ISC
Fig.1
Tj=25
-
1.9
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig.1
IOUT=5mA
-
-1.0
-
mV/
Dropout Voltage
VD
Fig.1
Ta=25
, IOUT=1A
-
2.0
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com