Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7906F/PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7906F/PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7906F/PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7906F/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA7906F/PI Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2007. 9. 7
1/16
SEMICONDUCTOR
TECHNICAL DATA
KIA7905F/PI~KIA7924F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
-5V, -6V, -7V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V.
FEATURES
Suitable for C-MOS, TTL, and the other digital IC power supply.
Internal thermal overload protecting.
Internal short circuit current limiting.
Output current in excess of 1.0A.
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. GND
2. INPUT
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7905
KIA7915
VIN
-35
V
KIA7918
KIA7924
-40
Power Dissipation-1
(No Heatsink)
F
PD1
1.3
W
PI
2.0
Power Dissipation-2
(Infinite Heatsink)
F
PD2
12.0
W
PI
20.8
Operating Junction Temperature
Tj
-30
150
Operating Temperature
Topr
-30
75
Storage Temperature
Tstg
-55
150
DIM
MILLIMETERS
1. GND
2. INPUT
3. OUTPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70
0.30
0.85 MAX
Φ3.20 0.20
3.00
0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60
0.50
3.90 MAX
1.20
1.30
2.54
4.50
0.20
6.80
2.60
0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60
0.15
V
U
D
A
C
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA7905F/PI
-5
F : DPAK
PI : TO-220IS
KIA7906F/PI
-6
KIA7907F/PI
-7
KIA7908F/PI
-8
KIA7909F/PI
-9
KIA7910F/PI
-10
KIA7912F/PI
-12
KIA7915F/PI
-15
KIA7918F/PI
-18
KIA7920F/PI
-20
KIA7924F/PI
-24
LINE-UP


Similar Part No. - KIA7906F/PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7906F/PI KEC-KIA7906F/PI Datasheet
568Kb / 16P
SEMICONDUCTOR
More results

Similar Description - KIA7906F/PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com