Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGL015 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # AGL015
Description  IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGL015 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button AGL015 Datasheet HTML 72Page - Microsemi Corporation AGL015 Datasheet HTML 73Page - Microsemi Corporation AGL015 Datasheet HTML 74Page - Microsemi Corporation AGL015 Datasheet HTML 75Page - Microsemi Corporation AGL015 Datasheet HTML 76Page - Microsemi Corporation AGL015 Datasheet HTML 77Page - Microsemi Corporation AGL015 Datasheet HTML 78Page - Microsemi Corporation AGL015 Datasheet HTML 79Page - Microsemi Corporation AGL015 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 248 page
background image
IGLOO DC and Switching Characteristics
2- 60
R e v i sio n 1 9
Applies to 1.2 V Core Voltage
Table 2-89 • 2.5 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
5.59 0.26 1.20
1.10
5.68 5.14 2.82 2.80 11.47 10.93
ns
6 mA
Std.
1.55
4.76 0.26 1.20
1.10
4.84 4.47 3.10 3.33 10.62 10.26
ns
8 mA
Std.
1.55
4.76 0.26 1.20
1.10
4.84 4.47 3.10 3.33 10.62 10.26
ns
12 mA
Std.
1.55
4.17 0.26 1.20
1.10
4.23 3.99 3.30 3.67 10.02
9.77
ns
16 mA
Std.
1.55
3.98 0.26 1.20
1.10
4.04 3.88 3.34 3.76
9.83
9.66
ns
24 mA
Std.
1.55
3.90 0.26 1.20
1.10
3.96 3.90 3.40 4.09
9.75
9.68
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating values.
Table 2-90 • 2.5 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
3.33 0.26 1.20
1.10
3.38 3.09 2.82 2.91
9.17
8.88
ns
6 mA
Std.
1.55
2.89 0.26 1.20
1.10
2.93 2.56 3.10 3.45
8.72
8.34
ns
8 mA
Std.
1.55
2.89 0.26 1.20
1.10
2.93 2.56 3.10 3.45
8.72
8.34
ns
12 mA
Std.
1.55
2.64 0.26 1.20
1.10
2.67 2.29 3.30 3.79
8.46
8.08
ns
16 mA
Std.
1.55
2.59 0.26 1.20
1.10
2.63 2.24 3.34 3.88
8.41
8.03
ns
24 mA
Std.
1.55
2.60 0.26 1.20
1.10
2.64 2.18 3.40 4.22
8.42
7.97
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating values.
Table 2-91 • 2.5 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
5.02 0.26 1.19
1.10
5.11 4.60 2.50 2.62 10.89 10.38
ns
6 mA
Std.
1.55
4.21 0.26 1.19
1.10
4.27 4.00 2.76 3.10 10.06
9.79
ns
8 mA
Std.
1.55
4.21 0.26 1.19
1.10
4.27 4.00 2.76 3.10 10.06
9.79
ns
12 mA
Std.
1.55
3.66 0.26 1.19
1.10
3.71 3.55 2.94 3.41
9.50
9.34
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com