| Electronic Components Datasheet Search |
|
AFS600 Datasheet(PDF) 101 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS600 Datasheet(HTML) 101 Page - Microsemi Corporation |
|
101 / 334 page ![]() Fusion Family of Mixed Signal FPGAs R e visio n 2 2 - 85 The Analog Quad offers a wide variety of prescaling options to enable the ADC to resolve the input signals. Figure 2-65 shows the path through the Analog Quad for a signal that is to be prescaled prior to conversion. The ADC internal reference voltage and the prescaler factors were selected to make both prescaling and postscaling of the signals easy binary calculations (refer to Table 2-57 on page 2-132 for details). When an analog input pad is configured with a prescaler, there will be a 1 M Ω resistor to ground. This occurs even when the device is in power-down mode. In low power standby or sleep mode (VCC is OFF, VCC33A is ON, VCCI is ON) or when the resource is not used, analog inputs are pulled down to ground through a 1 M Ω resistor. The gate driver output is floating (or tristated), and there is no extra current on VCC33A. These scaling factors hold true whether the particular pad is configured to accept a positive or negative voltage. Note that whereas the AV and AC pads support the same prescaling factors, the AT pad supports a reduced set of prescaling factors and supports positive voltages only. Typical scaling factors are given in Table 2-57 on page 2-132, and the gain error (which contributes to the minimum and maximum) is in Table 2-49 on page 2-119. Figure 2-65 • Analog Quad Prescaler Input Configuration Prescaler Prescaler Prescaler Analog Quad AV AC AT Voltage Monitor Block Current Monitor Block AG Digital Input Power MOSFET Gate Driver Current Monitor / Instr Amplifier Temperature Monitor Digital Input Digital Input Pads To Analog MUX To Analog MUX To Analog MUX To FPGA (DAVOUTx) To FPGA (DACOUTx) To FPGA (DATOUTx) On-Chip Gate Driver Temperature Monitor Block Off-Chip From FPGA (GDONx) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |