Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 96Page - Microsemi Corporation AFS600 Datasheet HTML 97Page - Microsemi Corporation AFS600 Datasheet HTML 98Page - Microsemi Corporation AFS600 Datasheet HTML 99Page - Microsemi Corporation AFS600 Datasheet HTML 100Page - Microsemi Corporation AFS600 Datasheet HTML 101Page - Microsemi Corporation AFS600 Datasheet HTML 102Page - Microsemi Corporation AFS600 Datasheet HTML 103Page - Microsemi Corporation AFS600 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 334 page
background image
Device Architecture
2- 84
R e visio n 2
Voltage Monitor
The Fusion Analog Quad offers a robust set of voltage-monitoring capabilities unique in the FPGA
industry. The Analog Quad comprises three analog input pads— Analog Voltage (AV), Analog Current
(AC), and Analog Temperature (AT)—and a single gate driver output pad, Analog Gate (AG). There are
many common characteristics among the analog input pads. Each analog input can be configured to
connect directly to the input MUX of the ADC. When configured in this manner (Figure 2-64), there will be
no prescaling of the input signal. Care must be taken in this mode not to drive the ADC into saturation by
applying an input voltage greater than the reference voltage. The internal reference voltage of the ADC is
2.56 V. Optionally, an external reference can be supplied by the user. The external reference can be a
maximum of 3.3 V DC.
Figure 2-64 • Analog Quad Direct Connect
Prescaler
Prescaler
Prescaler
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor / Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
From FPGA
(GDONx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com