Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

712M Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 712M
Description  Metal EMI/RFI Environmental Adapter for Mighty Mouse Connectors for Series 72 Annular Convoluted Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712M Datasheet(HTML) 2 Page - Glenair, Inc.

  712M Datasheet HTML 1Page - Glenair, Inc. 712M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
19
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
712M*838
Metal eMi/RFi environmental
Adapter for Mighty Mouse Connectors
for Series 72 Annular Convoluted tubing
table i
Order
No.
Shell Size Ref
A Thread
Class 2B
B max
800/801
803/804
805
5
5
N/A
1/4-32 UNEF
0.470 (11.9)
6
6
N/A
5/16-32 UNEF
0.530 (13.5)
11
N/A
8
3/8-32 UNEF
0.570 (14.5)
7
7
9
7/16-28 UNEF
0.637 (16.2)
8
8
10
1/2-28 UNEF
0.700 (17.8)
9
9
11
9/16-24 UNEF
0.758 (19.3)
10
10
12
5/8-24 UNEF
0.819 (20.8)
12
12/13
N/A
11/16-24 UNEF
0.896 (22.8)
13
N/A
15
3/4-20 UNEF
0.930 (23.6)
14
14/15/16/17
18/19
15/16-20 UNEF
1.137 (28.9)
17
21
23
1 3/16-18 UNEF
1.387 (35.2)
table ii
Dash
No.
C max
D max
e max
F max
G max
Conduit i.D.
Shrink Boot
min
max
06
0.73
(18.5)
1.02
(25.9)
.61
(15.5)
.90
(22.9)
.53
(13.5)
.16
(4.1)
.19
(4.8)
770-001S103
09
0.79
(20.1)
1.08
(27.4)
.64
(16.3)
.92
(23.4)
.63
(16.0)
.24
(6.1)
.28
(7.1)
770-001S103
12
0.85
(21.6)
1.14
(29.0)
.66
(16.8)
.95
(24.1)
.73
(18.5)
.33
(8.4)
.37
(9.4)
770-001S104
16
0.92
(23.4)
1.20
(30.5)
.71
(18.0)
1.00
(25.4)
.86
(21.8)
.45
(11.4)
.50
(12.7)
770-001S104
20
0.98
(24.9)
1.27
(32.3)
.74
(18.8)
1.03
(26.2)
.98
(24.9)
.57
(14.5)
.62
(15.7)
770-001S105
24
1.04
(26.4)
1.33
(33.8)
.79
(20.1)
1.08
(27.4)
1.15
(29.2)
.69
(17.5)
.75
(19.1)
770-001S106
28
1.10
(27.9)
1.39
(35.3)
.82
(20.8)
1.10
(27.9)
1.27
(32.3)
.81
(20.6)
.87
(22.1)
770-001S107
32
1.17
(29.7)
1.45
(36.8)
.84
(21.3)
1.13
(28.7)
1.40
(35.6)
.93
(23.6)
1.00
(25.4)
770-001S107
Symbol N
90°
Symbol M
45°
C
E
F
D
NOTE: SHAPE
mFr’S OPTION
NOTE: SHAPE
mFr’S OPTION
table iii
Sym material
Finish Description
M
Aluminum
Electroless Nickel
MT
Nickel-PTFE
NF
Cad/Olive Drab over Electroless
Nickel
ZN
Zinc Nickel/Olive Drab over
Electroless Nickel
ZNU
Zinc Nickel/Black over
Electroless Nickel
Z1
Stainless
Steel
Passivate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com