Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M513 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M513
Description  Tape and Reel Packaging for Surface Mount Components
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M513 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M513 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Tape and Reel Packaging for Surface Mount Components
Rev. V16
Application Note
M513
13
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
BD-3
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.023 ± 0.002
0.58 ± 0.05
Width
B0
0.028 ± 0.002
0.7 ± 0.05
Depth
K0
0.014 ± 0.002
0.36 ± 0.05
Pitch
P1
0.157 ± 0.004
4.0 ± 0.10
Pocket Hole Diameter
D1
N/A
N/A
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.002
2.0 ± 0.05
Cavity to Perforation
(width direction)
F
0.138 ± 0.002
3.5 ± 0.05
Cover Tape
Width
C
0.209 ± 0.004
5.3 ± 0.10
Carrier Tape
Width
W
0.315 ± 0.004
8.0 ± 0.10
CR-5
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.355 ± 0.004
9.02 ± 0.10
Width
B0
0.390 ± 0.004
9.91 ± 0.10
Depth
K0
0.080 ± 0.004
2.03 ± 0.10
Pitch
P1
0.472 ± 0.004
12.0 ± 0.10
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.453 ± 0.004
11.5 ± 0.10
Cover Tape
Width
C
0.827 ± 0.004
21.0 ± 0.10
Carrier Tape
Width
W
0.945 ± 0.012
24.0 ± 0.30
Distance Between
Centerlines
LSM1
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.512
13.00
Width
B0
0.512
13.00
Depth
K0
0.185
4.70
Pitch
P1
0.630
16.00
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.00 ± 0.10
Cavity to Perforation
(width direction)
F
0.453
11.50
Carrier Tape
Width
W
0.945
24.00
LCC1
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.412
10.47
Width
B0
0.439
11.15
Depth
K0
0.133
3.38
Pitch
P1
0.630
16.00
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.00 ± 0.10
Cavity to Perforation
(width direction)
F
0.453
11.50
Carrier Tape
Width
W
0.945
24.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com