Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M567 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M567
Description  CR-15 Package Handling and Mounting Procedure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M567 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M567 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M567 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CR-15 Package Handling and Mounting Procedure
Rev. V5
Application Note
M567
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Mounting Hardware / Torque Sequence
Size #2 socket head cap screws and medium split lock
washers are recommended.
The mounting hardware
should initially be installed finger tight (approximately 4
inch-ounces), followed by a controlled torque of 48 inch-
ounces , in an alternating torque sequence. The use of
two
separate calibrated
torque screw drives is
recommended for this purpose, especially in high volume
applications. Manual drive is acceptable, but electric or
pneumatic drive torque tools are preferred to minimize
operator fatigue. Incorrect installation torque may cause
inconsistent electrical and thermal performance and lead
to device failure.
Package Lead Soldering
Recommendations
A 63/37 tin/lead eutectic is the preferred solder for pre-
tinning and attaching the package lead to the
surrounding circuit board. Since the typical thickness of
gold plating on the package leads is 50 micro-inches
minimum, pre-tinning of the package leads may be
necessary to reduce gold embrittlement in the solder
joint.
Pre-tinning will result in the highest reliability
connection, especially when solder volumes are
relatively low. The necessity to pre-tin will depend on the
particular application and the soldering equipment being
used.
For applications where surface mount components are to
be installed after the CR-15 installation, this package will
not be damaged when subjected to typical convection or
IR over reflow profiles. M/A-COM Tech Application Note
M538 may be used as a guide for maximum allowable
reflow time and temperature.
Alternatively, the package leads may be individually
soldered.
Whether an iron or hot gas soldering
equipment is used, care should be take to insure that the
temperature is well controlled and the assembly
environment is electric static discharge (ESD) safe.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com