Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDM Datasheet(PDF) 1 Page - E-SWITCH

Part # RDM
Description  rDm SerieS rotary Dip Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RDM Datasheet(HTML) 1 Page - E-SWITCH

  RDM Datasheet HTML 1Page - E-SWITCH RDM Datasheet HTML 2Page - E-SWITCH RDM Datasheet HTML 3Page - E-SWITCH RDM Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
rDm SerieS rotary Dip Switch
Specifications subject to change without notice
• OffersIP67sealingprotection
• Availablein10or16positions
• Ultraslimsizeforhighdensitymounting
• Goldcontacts
ElectricalRating:
Switching: 42VDC, 100mA
Non-Switching: 42VDC, 400mA
LifeExpectancy: 25,000 steps
ContactResistance:80mΩ Max.
InsulationResistance: 100 MΩ Min. at 250VDC
DielectricStrength:250VAC 1 min.
OperatingTemperature: -60°C to 125°C
ActuationForce: 120 gf +/- 30gf
Travel: dependent upon individual switch positions
RDM
A- Arrow Flush
B- Shaft 4.5 high
E - Shaft 4.2 high
R- Real
C- Complementary
10
16
P1- TH 3x3 terminals
S1- SM 3x3 terminals
R1- Angled 5.08 spacing
R2- Angled 2.54 spacing
T- Tube
R - Tape & Reel
Series
Actuator
Code
Positions
Terminals
Packaging
Medical Equipment


Similar Part No. - RDM

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RDM-2C-12 SUNHOLD-RDM-2C-12 Datasheet
892Kb / 2P
RDM SERIES
RDM-2C-12-L SUNHOLD-RDM-2C-12-L Datasheet
892Kb / 2P
RDM SERIES
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
MULTIBAND ANTENNA
Rev B
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
GPSGSM COMBINATION ANTENNA
Rev A
RDM-MBF5-A-5048-1M-X-001 RALTRON-RDM-MBF5-A-5048-1M-X-001 Datasheet
331Kb / 4P
GPSGSM COMBINATION ANTENNA
Rev. A
More results

Similar Description - RDM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
Rotary Dip Switch
logo
CUI INC
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
ROTARY DIP SWITCH
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
ROTARY DIP SWITCH
12/11/2020
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
dip rotary switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com