Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-437 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-437
Description  Drivers for GaAs FET Switches and Digital Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-437 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-437 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-437 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-437 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-437 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Drivers for GaAs FET Switches and Digital Attenuators
Rev. V5
Application Note
S2079
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
1
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Introduction
Many of M/A-COM's GaAs FET switches and digital
attenuators cannot operate directly with simple TTL or
CMOS logic, but instead require external circuits to
provide appropriate control voltages. This application
note, an update of M539, Drivers for GaAs FET MMIC
Switches and Digital Attenuators, provides information
on M/A-COM's SW-109 and SWD-119 drivers and
other commercially available digital logic IC's for control
of switches and digital attenuators.
GaAs FET’s
GaAs MMIC control devices such as switches and
digital
attenuators
typically
employ
Field
Effect
Transistors (FET’s). The most common FET is the n-
channel depletion mode device, which has low source-
to-drain resistance in the absence of a gate bias, and
allows a current IDSS to flow. With the application of a
negative gate bias voltage, the electric field below the
gate
causes
the
conduction
channel
to
narrow,
increasing the source-to-drain resistance.
The gate
voltage that creates a high enough resistance to reduce
the source-to-drain current to (typically) 1 - 2 percent of
IDSS is known as the pinch-off voltage. For M/A-COM
FET’s,. the pinch-off voltage is typically –2.5 volts. If
the transistor is biased at the extremes, (0 V and –5 V
typically), on and off switching results, providing the
basis for both GaAs MMIC switches and digital
attenuators.
Switch Circuit Topology
In switches, FET's are arranged in both series and
shunt configurations.
The series FET's provide a
through-path for the on state, while the shunt FET's
provide isolation for the off state. The operation of the
switch requires that series FET's and shunt FET's
associated with each switch state have opposite (or
complementary)
conduction
states
and
therefore
opposite
(or
complementary)
gate
biases.
For
example, Figure 1 illustrates the operation of a typical
dual control SPST GaAs MMIC switch.
If the RF to
RF1 path is on and the RF to RF2 path is off, then
FET's Q2 and Q4 are biased on, while Q1 and Q3 are
biased off.
Digital attenuators use series/shunt stages with circuit
components
that
form
fixed
attenuator
pads,
corresponding to digital attenuation bits, switched in or
out of the transmission path, either individually or in
combination.
Switches require complementary bias
voltages for each state, while digital attenuators require
complementary bias voltage to activate each bit.
Figure 2 shows a 3-bit digital attenuator. Applying the
correct bias voltage and its complement to any stage
switches the pad for that stage into the RF signal path.
RF Common
RF1
RF2
Control
"A"
Control
"B"
Q1
Q2
Q3
Q4
Figure 1: Typical Dual Control Switch (SW-239, etc)
Control A Control B
RF Common
to RF1
RF Common
to RF2
-5 V
0 V
On
Off
0 V
-5 V
Off
On
Typical complementary logic control voltages:
Logic low
Logic high
0 V to –2 V @ 20
μA max.
-5 V to 40
μA typ. To –8 V @ 200 μ
A max.
Dual Control Switch Truth Table
Figure 2: Digital Attenuator Based on Switched Pads
(AT-230)
VC1
RF 1
VC1
16 dB
Pad
8 dB
Pad
VC2
VC2
4 dB
Pad
VC3
VC3
RF 2


Similar Part No. - SW-437

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-437 MACOM-SW-437 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-437 MA-COM-SW-437 Datasheet
79Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-437PIN MACOM-SW-437PIN Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-437RTR MACOM-SW-437RTR Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-437SMB MACOM-SW-437SMB Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - SW-437

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
Single Driver for GaAs FET Switches and Attenuators
SWD-109-PIN MA-COM-SWD-109-PIN Datasheet
84Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
M539 MA-COM-M539 Datasheet
63Kb / 3P
Drivers for GaAs FET MMIC Switches and Digital Attenuators
MADRCC0005 MA-COM-MADRCC0005_15 Datasheet
563Kb / 4P
Single Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com