Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-206 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # SW-206
Description  Drivers for GaAs FET Switches and Digital Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-206 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  SW-206 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-206 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-206 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-206 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Drivers for GaAs FET Switches and Digital Attenuators
Rev. V5
Application Note
S2079
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
4
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Additional Notes:
Application Note M537, GaAs MMIC Based Control
Components with Integral Drivers defines performance
parameters for switches and attenuators.
1.
See Application Note M517, MASW6010 GaAs
SPDT Switch Performance and Driver Circuit
Techniques for additional information on designing
with the SWD-109 and SWD-119 drivers.
2.
For pin assignments and supply voltages for the
SWD-109 and SWD-119 single/quad drivers, see
the SWD-109/119 data sheet, available on the M/A-
COM web site at www.macom.com.
3.
See Application Note M521, Positive Voltage Control
of GaAs MMIC Control Devices for more information
on floating attenuators above ground potential.
4.
See Application Note M539, Drivers for GaAs MMIC
Switches and Digital Attenuators for more
information on compression and intermodulation
distortion and the operation of the SW-109 and
SWD-119 drivers.
5.
See manufacturers' data sheets and application
notes for additional information on digital logic IC's.
6.
Please contact your M/A-COM sales
representative for information on the latest
switches and attenuators.
Appendix
Popular M/A-COM GaAs FET switches
In the following tables, switching speed is the time from
the 50 percent point of the control voltage rise or fall to
the occurrence of 90 percent (on) or 10 percent (off) of
the switched RF level.
Part No.
Type
Package
Switching
Speed
SW-212
SPST
FP-13
6 ns
SW-214
SPST terminated
FP-13
6 ns
SW-226
SPDT terminated
CR-2
6 ns
SW-227
SPDT
CR-2
6 ns
SW-239
SPDT
SOIC-8
4 ns
SW-259
SPST terminated
SOIC-8
8 ns
SW-276
SPDT
CR-2
35 ns
SW-279
SPDT
SOIC-8
35 ns
SW-289
SP4T
SOIC-14
6 ns
SW-337, 338
SPDT terminated
SOIC-8
10 ns
SW-391
1
SPDT
SOT-26
42 ns
SW-392
1
SPDT
SOT-26
20 ns
SW-395
1
SPDT
SOT-26
8 ns
SW-419
SP4T
SOIC-24
16 ns
SW-425
1
SPDT
SOT-26
~ 20 ns
SW-437
SPDT
SOT-363
~ 8 ns
SW-439*
SPDT
MSOP-10
~ 34 ns
Dual Control Negative Bias
1. Contains no shunt FET’s, hence can operate with positive
control voltages without ground pull-up components if
provided with DC blocking capacitors on all RF lines.
Dual Positive Control, Requires Positive Supply
(Includes pull-up components on-chip)
Part Number
Type
Package
Switching
Speed
SW-277
SPDT
SOIC-8
35 ns
SW-349
SPST terminated
SOIC-8
2
μs
SW-394
SPDT
SOIC-8
36
μs
SW-399
SPST
SOT-26
110
μs
Part Number
Type
Package
Switching
Speed
SW05-0311
SPST, TTL/CMOS in
CR-9
150 ns
SW10-0312
SPDT, TTL/CMOS in
CR-9
150 ns
SW10-0313
SPDT, TTL/CMOS in
CR-9
150 ns
SW65-0014
SPST, TTL/CMOS in
SOIC-24
50 ns
SW65-0114
SPST, TTL/CMOS in
SOIC-24
50 ns
SW65-0214
SP3T, TTL/CMOS in
SOIC-24
50 ns
SW65-0313
SP2T, TTL/CMOS in
SOIC-16
50ns
SW65-0314
SP4T, TTL/CMOS in
SOIC-24
50 ns
SW65-0440
SP4T, absorptive,
TTL/CMOS in
QSOP-24
50 ns
SW-110
SPDT, TTL/CMOS in
CR-9
35 ns
SW-311
SPST, TTL.CMOS in
CR-9
12 ns
SW-312
SPDT, TTL/CMOS in
CR-9
7 ns
SW-313
SPD, TTL/CMOS in
CR-9
18 ns
SW-335
SPDT, TTL /CMOS in
SOIC-8
200 ns
SW-224
SPDT, TTL in
TO-5-4
150 ns
SW- 225
SPDT, TTL in
FP-13
150 ns
Single Control, Integral Driver, Positive Supply
Part Number
Type
Package
Switching
Speed
SW-205
SPDT, TTL in
DI-1
20 ns
SW-206
SPDT, CMOS in
DI-1
40 ns
SW-215
SPST, TTL in
DI-1
20 ns
SW-216
SPDT, CMOS in
DI-1
40 ns
SW-217
SPDT, TTL in
DI-1
20 ns
SW-233
SPDT, TTL in
FP-16
20 ns
SW-236
SPDT, CMOS in
FP-16
40 ns
Single Control, Integral Driver, Requires
Positive And Negative Supplies



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com