Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C252012WB-R47 Datasheet(PDF) 1 Page - Sumida Corporation

Part # C252012WB-R47
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

C252012WB-R47 Datasheet(HTML) 1 Page - Sumida Corporation

  C252012WB-R47 Datasheet HTML 1Page - Sumida Corporation C252012WB-R47 Datasheet HTML 2Page - Sumida Corporation C252012WB-R47 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 19-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
C252012/DS
Description
• Multilayer power inductor.
• Magnetically shielded.
• L
×W×H: 2.65×2.15×1.2 mm Max.
• Product weight: 28mg (Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -30
℃~+85℃
(including coil’s self temperature rise)
• Storage temperature range: -30
℃~+85℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
Applications
• Ideally used in DC/DC converters for Smart
phones, Cell phones, other portable
instruments, HDD, and SSD.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
2.5±0.15
2.
0±
0.
15
1.2 Max.
1.
8±
0.
2
0.46±0.2
1.3
2.5
2.
0
0.6
900
1200
320
4.7
C252012WB-4R7
1000
1300
230
3.3
C252012WB-3R3
1400
1500
130
2.2
C252012WB-2R2
1700
1600
105
1.5
C252012WB-1R5
1900
2000
80
1.0
C252012WB-1R0
2300
2300
50
0.47
C252012WB-R47
Temperature rise
Current (mA)
※3
Saturation current
(mA)
※2
D.C.R. (m
Ω)
±25%
L(
μH)
±20% ※1
Part No.
※1. Inductance measuring condition: at 3MHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=25℃).


Similar Part No. - C252012WB-R47

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C252010DS SUMIDA-C252010DS Datasheet
264Kb / 3P
SMD Power Inductor
C252010HPB-1R5 SUMIDA-C252010HPB-1R5 Datasheet
264Kb / 3P
SMD Power Inductor
C252010HPB-2R2 SUMIDA-C252010HPB-2R2 Datasheet
264Kb / 3P
SMD Power Inductor
C252010HPB-3R3 SUMIDA-C252010HPB-3R3 Datasheet
264Kb / 3P
SMD Power Inductor
C252010HPB-4R7 SUMIDA-C252010HPB-4R7 Datasheet
264Kb / 3P
SMD Power Inductor
More results

Similar Description - C252012WB-R47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDH38D16D SUMIDA-CDH38D16D Datasheet
270Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com