Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6BA2 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC6BA2
Description  Standard Recovery 3-Phase Full Wave Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC6BA2 Datasheet(HTML) 1 Page - Semtech Corporation

  SC6BA2 Datasheet HTML 1Page - Semtech Corporation SC6BA2 Datasheet HTML 2Page - Semtech Corporation SC6BA2 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER DISCRETES
1
www.semtech.com
SC6BA2, SC6BA4, SC6BA6, SC6BA8
Standard Recovery 3-Phase
Full Wave Bridge Rectifiers
Features
Revision: August 2011
Standard recovery 30A three phase full wave bridge
rectifier.
Low forward voltage drop
Low reverse leakage
Black anodized aluminum case
Low thermal resistance < 1.2° C/W
Hi-Rel. screened version is similar to
Mil-PRF-19500/483
To order Hi-Rel. version place HR in front of the
product name
Description
Applications
Aerospace
Military
High end industrial
Conversion of 3-phase power to DC power where
high power density and rugged design is required.
Typical industries are:
Block Diagram
+
-
AC 1
AC 2
AC 3


Similar Part No. - SC6BA2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC6BA2 SEMTECH-SC6BA2 Datasheet
114Kb / 3P
Standard Recovery 3-Phase Full Wave Bridge Rectifiers
SC6BA2 SEMTECH-SC6BA2 Datasheet
49Kb / 3P
Standard Recovery 3-Phase Full Wave Bridge Rectifiers
SC6BA2 SEMTECH-SC6BA2_1 Datasheet
49Kb / 3P
Standard Recovery 3-Phase Full Wave Bridge Rectifiers
More results

Similar Description - SC6BA2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC3AS05 SEMTECH-SC3AS05 Datasheet
59Kb / 2P
STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS
SC3BA05 SEMTECH-SC3BA05 Datasheet
66Kb / 2P
STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS
SC3BH05 SEMTECH-SC3BH05 Datasheet
58Kb / 2P
STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS
SC3BJ05 SEMTECH-SC3BJ05 Datasheet
58Kb / 2P
STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS
SC3BK05 SEMTECH-SC3BK05 Datasheet
57Kb / 2P
STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS
SC6BA2 SEMTECH-SC6BA2 Datasheet
114Kb / 3P
Standard Recovery 3-Phase Full Wave Bridge Rectifiers
SCAJ2 SEMTECH-SCAJ2 Datasheet
65Kb / 2P
STANDARD RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
SCAS05 SEMTECH-SCAS05 Datasheet
61Kb / 2P
STANDARD RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
SCBAR05 SEMTECH-SCBAR05 Datasheet
59Kb / 2P
STANDARD RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
SC6BA2 SEMTECH-SC6BA2_1 Datasheet
49Kb / 3P
Standard Recovery 3-Phase Full Wave Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com