Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYP302 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BYP302
Description  FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BYP302 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BYP302 Datasheet HTML 1Page - Siemens Semiconductor Group BYP302 Datasheet HTML 2Page - Siemens Semiconductor Group BYP302 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
12.96
BYP 302
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Forward voltage drop
IF = 15 A, Tj = 25 °C
IF = 25 A, Tj = 25 °C
IF = 15 A, Tj = 100 °C
IF = 25 A, Tj = 100 °C
VF
-
-
-
-
1.8
1.5
2.2
1.9
-
-
2.7
-
V
Reverse current
VR = 1200 V, Tj = 25 °C
VR = 1200 V, Tj = 100 °C
VR = 1200 V, Tj = 150 °C
IR
-
-
-
0.15
0.05
0.01
-
-
0.25
mA
AC Characteristics
Reverse recovery charge
IF = 25 A, VCC = 500 V, diF/dt = -1000 A/µs
Tj = 100 °C
Qrr
-
4.5
-
µC
Peak reverse recovery current
IF = 25 A, VCC = 500 V, diF/dt = -1000 A/µs
Tj = 100 °C
IRRM
-
50
-
A
Reverse recovery time
IF = 25 A, VCC = 500 V, diF/dt = -1000 A/µs
Tj = 100 °C
trr
-
130
-
ns
Storage time
IF = 25 A, VCC = 500 V, diF/dt = -1000 A/µs
Tj = 100 °C
tS
-
65
-
Softfaktor
IF = 25 A, VCC = 500 V, diF/dt = -1000 A/µs
Tj = 100 °C
S
-
1
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com